Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MEH52ZAG-R

  • AI
    ### MEH52ZAG-R: Component Overview The **MEH52ZAG-R** is a specific type of **DC Fan**, typically manufactured by Nidec (or similar high-performance cooling manufacturers). These parts are engineered for industrial applications, server racks, and high-density electronics requiring efficient thermal management. --- ### Technical Specifications | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Brushless DC (BLDC) Cooling Fan | | **Operating Voltage** | 12V DC (Standard for this series) | | **Dimensions** | 50mm x 50mm x 20mm (Approximate) | | **Bearing Type** | Dual Ball Bearing (for long life) | | **Connector** | 3-wire or 4-wire (PWM/Tachometer) | | **Airflow Direction** | Exhaust/Intake (depending on mounting) | --- ### Key Electronic Features 1. **Brushless DC Motor (BLDC):** Unlike brushed motors, the MEH52ZAG-R uses electronic commutation. This reduces friction, eliminates sparking, and significantly extends the operational lifespan (MTBF) of the part. 2. **Integrated Control Circuitry:** The "R" suffix often indicates specific signal characteristics or RoHS compliance. Internally, it contains a specialized IC that handles: * **Polarity Protection:** Prevents damage if the positive and negative wires are swapped. * **Locked Rotor Protection:** Automatically cuts or reduces power if the blades are obstructed to prevent coil burnout. 3. **Signal Wires:** * **Red/Black:** Power (VCC) and Ground (GND). * **Yellow/White:** Tachometer signal (Frequency Generator) which sends a pulse to the motherboard to monitor RPM. * **Blue (if 4-wire):** Pulse Width Modulation (PWM) for precise speed control. --- ### Common Applications * **Server Cooling:** High static pressure for dense blade servers. * **Power Supplies:** Used as an internal cooling component for industrial PSUs. * **Network Equipment:** Switches and routers where continuous 24/7 operation is required. --- ### Maintenance and Replacement Notes * **Bearing Wear:** As a ball-bearing fan, it is more resistant to heat than "sleeve" fans but will eventually develop noise if the lubricant dries out. * **Cleaning:** Use compressed air to clean the blades, as dust accumulation increases the current draw and reduces cooling efficiency.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout for the 3-wire connector on this model?
    • ⤷ Can this fan be controlled via a standard Arduino PWM signal?
    • ⤷ What is the rated MTBF (Mean Time Between Failures) for the MEH52 series?