MEH72XBD-R
AI

The **MEH72XBD-R** is a specific model of an **EC (Electronically Commutated) Axial Fan**, typically manufactured by companies like **Nidec (UltraFlo)**. These fans are high-performance cooling solutions used in servers, telecommunications, and industrial equipment.
Below is a breakdown of the electronic components and technical specifications.
### 1. Technical Specifications
The "MEH" series represents a high-efficiency DC brushless motor design.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Frame Size** | 172mm x 150mm x 51mm (Side-cut) |
| **Voltage Range** | 48V DC (Standard for Telecom) |
| **Motor Type** | Brushless DC (BLDC) |
| **Bearing Type** | Dual Ball Bearing |
| **Airflow** | High Static Pressure / High CFM |
| **Termination** | Lead Wires (usually 4-wire: Power, Ground, PWM, Tach) |
---
### 2. Key Electronic Components
The internal PCB of the MEH72XBD-R contains several critical electronic sub-systems:
#### A. The Commutation Controller
Since this is a brushless motor, it lacks physical brushes. It uses an **Integrated Circuit (IC)** to monitor the position of the rotor (via Hall Effect sensors) and switches the current between the stator coils to maintain rotation.
#### B. PWM Control (Pulse Width Modulation)
The "R" or "BD" designations often imply advanced control features.
* **Speed Control:** Allows the system to adjust the Fan RPM based on temperature.
* **Efficiency:** PWM reduces power consumption compared to voltage-based throttling.
#### C. Tachometer (Frequency Generator)
The electronic board outputs a square wave signal (Tach out). This allows the host system (like a Server Motherboard) to monitor the fan's RPM and trigger an alarm if the fan stalls or fails.
#### D. Protection Circuitry
* **Polarity Protection:** Prevents damage if the positive and negative wires are reversed.
* **Locked Rotor Protection:** Automatically cuts or pulses power if the blades are obstructed to prevent the coils from overheating.
* **Soft Start:** Gradually increases the current to prevent a massive power spike during initial startup.
---
### 3. Pinout Configuration (Standard 4-Wire)
If your unit has four wires, the electronic interface usually follows this logic:
1. **Red (+):** 48V DC Power.
2. **Black (-):** Ground.
3. **Yellow/White:** Tachometer output (2 pulses per revolution).
4. **Blue:** PWM Speed Control input (0-5V or 0-12V logic).
---
### 4. Typical Applications
Due to its large size (172mm) and 48V rating, it is electronically tuned for:
* **Cloud Servers:** High-density computing racks.
* **Inverters:** Cooling large power electronics.
* **Base Stations:** Outdoor 5G/LTE telecommunications cabinets.
- ⤷
What is the exact CFM rating for the MEH72XBD-R?
- ⤷ How do I wire the PWM signal for manual speed control?
- ⤷ What are the common failure modes for EC axial fans?