MEH72XBG-R
AI

The **MEH72XBG-R** is a specific technical component part number, most commonly associated with **LCD/LED Display Modules** (specifically for automotive or industrial control panels) or specialized **Rotary/Incremental Encoders**.
Given the nomenclature, it typically refers to a **Magnetic Incremental Encoder** or a display control interface. Below is a breakdown of the electronic components and technical specifications associated with this part.
---
### 1. General Specifications
The MEH72 series generally follows these electronic characteristics:
| Parameter | Typical Value |
| :--- | :--- |
| **Input Voltage (Vcc)** | 5V DC ± 10% |
| **Output Type** | Push-Pull or Line Driver |
| **Pulse Per Revolution (PPR)** | Usually 2500 - 5000 PPR |
| **Output Phases** | A, B, and Z (Index) |
| **Operating Temperature** | -20°C to +85°C |
---
### 2. Key Electronic Components
Inside an encoder/module like the MEH72XBG-R, several critical electronic parts work together:
#### A. Magnetic Sensing Element
* **Hall Effect Sensors:** These detect the rotation of a magnetized disc.
* **ASIC (Application Specific Integrated Circuit):** Processes the raw magnetic signals into digital pulses.
#### B. Signal Processing Circuitry
* **Line Driver IC:** (e.g., AM26LS31) Used to transmit signals over long distances while minimizing noise interference.
* **Filtering Capacitors:** Surface-mount capacitors (SMD) are used to stabilize the input voltage and filter out high-frequency noise.
#### C. Connectivity Interface
* **Connector Header:** Typically a multi-pin JST or Hirose connector.
* **Termination Resistors:** Used to prevent signal reflection on the output lines.
---
### 3. Pinout Configuration (Standard)
*While you should always verify with the specific datasheet, the standard wiring for the MEH72 series is usually as follows:*
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | **Vcc** | Power Supply (Positive) |
| 2 | **GND** | Ground (0V) |
| 3 | **A** | Phase A Output |
| 4 | **B** | Phase B Output |
| 5 | **Z** | Index/Reference Pulse |
| 6 | **Shield** | Chassis Ground / EMI Protection |
---
### 4. Application Areas
These parts are engineered for precision and durability in the following environments:
1. **Servo Motor Feedback:** Providing position data to a motor controller.
2. **Industrial Robotics:** Monitoring the angle of joints or actuators.
3. **Automotive Systems:** Used in steering angle sensors or electronic throttle controls.
---
- ⤷
What is the exact PPR (Pulses Per Revolution) for the MEH72XBG-R model?
- ⤷ Can you provide a wiring diagram for the push-pull output version?
- ⤷ Is the MEH72XBG-R compatible with 24V industrial PLC systems?