Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MEH73ZAX-R

  • AI
    The **MEH73ZAX-R** is a specific type of **Rotary Encoder**, commonly used in industrial automation for feedback control on motors (particularly elevators or heavy-duty servo systems). Below is a detailed breakdown of its electronic parts and technical specifications. --- ## 1. Core Technical Specifications The part number typically follows a modular nomenclature used by manufacturers like **Hengstler** or similar high-precision encoder brands. | Parameter | Specification Details | | :--- | :--- | | **Device Type** | Incremental Rotary Encoder | | **Output Signal** | Sine/Cosine (SinCos) or TTL/HTL (depending on sub-variant) | | **Physical Interface** | Tapered Shaft or Hollow Shaft | | **Standard Resolution** | Often 1024 or 2048 Pulses Per Revolution (PPR) | | **Voltage Supply** | Usually 5V DC or 10-30V DC | --- ## 2. Internal Electronic Components The MEH73ZAX-R consists of several critical electronic sub-assemblies: ### A. The Optical System * **LED Emitter:** A high-intensity infrared LED that acts as the light source. * **Code Disc:** A high-precision glass or plastic disc with etched radial lines. As it spins, it chops the light beam into pulses. * **Photo-Detector Array:** A specialized ASIC (Application Specific Integrated Circuit) that converts the light pulses into electrical currents. ### B. Signal Processing Circuitry * **Differential Line Drivers:** Used to transmit signals over long cables without interference. It typically provides $A, \bar{A}, B, \bar{B}$ and $Z, \bar{Z}$ (Index) channels. * **Interpolation Circuit:** In some models, internal electronics multiply the base resolution to provide higher precision. ### C. Connection and Protection * **PCB (Printed Circuit Board):** A multi-layer rigid PCB that houses the surface-mount (SMD) components. * **TVS Diodes:** Transient Voltage Suppressors to protect the internal logic from voltage spikes and Static Discharge (ESD). --- ## 3. Physical & Mechanical Interface The "73" and "ZAX" portions of the part number often refer to the mechanical mounting: * **Housing Diameter:** Usually 73mm or similar form factor. * **Shaft Style:** The "ZAX" designation often points to a **tapered shaft** (1:10 ratio), which ensures a backlash-free connection to motor shafts. * **Termination:** Typically features a circular military-style connector (e.g., 10-pin or 12-pin) or a radial cable outlet. --- ## 4. Typical Application Wiring While colors can vary by manufacturer, a standard setup for this encoder type is: ```yaml Red: Vcc (Power Supply) Black: 0V (GND) Brown: A channel Green: B channel Orange: Z channel (Index) Shield: Braided metal (Earth) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact pulse per revolution (PPR) for the MEH73ZAX-R model?
    • ⤷ How do I troubleshoot a 'No Signal' error from this encoder?
    • ⤷ Can this encoder be used in high-temperature elevator motor environments?