MEH74XBA-R
AI

The **MEH74XBA-R** is a specific model of an **AC/DC Axial Fan**, typically manufactured by **Fulltech Electric**. These fans are widely used in industrial cooling, server racks, and power supply systems.
---
### 1. Technical Specifications
Below are the primary electronic and mechanical characteristics of the MEH74XBA-R:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage** | 115V AC (Standard) |
| **Frequency** | 50 / 60 Hz |
| **Current (Amp)** | ~0.24A to 0.26A |
| **Power Consumption** | ~18W to 22W |
| **Speed (RPM)** | ~2,700 to 3,100 RPM |
| **Airflow (CFM)** | ~100 to 115 CFM |
| **Bearing Type** | Dual Ball Bearing |
| **Frame Material** | Die-cast Aluminum |
---
### 2. Key Electronic Components
The internal architecture of this fan consists of several critical electronic parts that manage power and rotation:
* **Shaded Pole or Capacitor-Run Motor:** The "Heart" of the unit. It converts the alternating current into electromagnetic force to spin the rotor.
* **Stator Windings:** High-quality copper coils that generate the magnetic field. In "XBA" series fans, these are often protected by Class B or Class F insulation to withstand heat.
* **Dual Ball Bearings:** While mechanical, they are essential for the electronic efficiency of the motor, reducing friction and preventing the motor from overheating due to resistance.
* **Thermal Protector:** Most models include an internal impedance protector or a thermal cutoff to prevent the motor from burning out if the blades are obstructed (locked rotor).
* **Lead Wires/Terminals:** Typically equipped with two AWG wires or fast-on terminals for AC power input.
---
### 3. Part Number Breakdown (Nomenclature)
Understanding the "MEH74XBA-R" prefix helps identify its specific electronic capabilities:
* **MEH:** High-efficiency series identifier.
* **74:** Relates to the frame size and thickness (Commonly 120mm x 120mm x 38mm).
* **X:** High-speed performance designation.
* **B:** Indicates **Ball Bearing** (longer lifespan than sleeve bearings).
* **A:** AC Voltage (115V).
* **-R:** Often signifies **RoHS Compliance** or a specific **Reverse Airflow** / Terminal configuration.
---
### 4. Typical Applications
Because of its AC power input and high CFM (Cubic Feet per Minute), it is found in:
1. **Industrial Control Panels:** Heat dissipation for PLCs and Inverters.
2. **Server Cabinets:** Maintaining airflow across rack-mounted hardware.
3. **Medical Equipment:** Cooling high-output power supplies.
---
- ⤷
What is the difference between ball bearings and sleeve bearings in these fans?
- ⤷ How do I wire the MEH74XBA-R for a standard 115V outlet?
- ⤷ Does this model support PWM or speed control?