MEH74ZBX-R
AI

The **MEH74ZBX-R** is a specific model of an **EC (Electronically Commutated) Axial Fan**, typically manufactured by companies like **Nidec (Servo)**. These fans are high-performance cooling solutions designed for industrial equipment, servers, and telecommunications infrastructure.
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the primary electronic and mechanical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Motor Type** | Brushless DC (BLDC) / EC Motor |
| **Input Voltage** | Typically 12V or 24V DC (varies by sub-series) |
| **Bearing Type** | Dual Ball Bearing (for long life) |
| **Frame Material** | Aluminum Die-cast or High-temp Plastic |
| **Termination** | Lead Wires (usually 2 to 4 wires) |
| **Protection** | Polarity Protection & Locked Rotor Protection |
---
### 2. Internal Electronic Components
The "ZBX" designation refers to the high-performance internal control circuitry. The electronics inside the hub typically include:
* **Integrated Drive Controller:** A small PCB located inside the motor hub that converts DC power into three-phase signals to drive the stator.
* **Hall Effect Sensors:** Used to detect the position of the permanent magnet rotor, ensuring smooth commutation and startup.
* **PWM Control (Pulse Width Modulation):** If the model has four wires, it includes circuitry to allow the system to adjust fan speed dynamically based on temperature.
* **Tachometer/FG Output:** A Frequency Generator (FG) signal that provides feedback to the system to monitor the actual RPM.
---
### 3. Electronic Protection Features
The MEH74ZBX-R is designed for high reliability and includes several fail-safe electronic features:
1. **Auto-Restart:** If the fan blades are physically obstructed, the electronics cut power to the coils to prevent overheating and attempt to restart once the obstruction is removed.
2. **Reverse Polarity Protection:** Prevents damage to the internal PCB if the positive and negative leads are accidentally swapped.
3. **Soft Start:** Gradually ramps up the current during startup to reduce electronic stress on the power supply.
---
### 4. Wire Configuration (Typical)
If your specific unit has multiple wires, they usually follow this electronic standard:
* **Red:** Power (+)
* **Black:** Ground (-)
* **Yellow/White:** Tachometer / Speed Sensor (FG)
* **Blue:** PWM Speed Control Input
---
- ⤷
What is the exact voltage rating for the MEH74ZBX-R model?
- ⤷ How do I test the Tachometer (FG) signal using an oscilloscope?
- ⤷ What are the mounting dimensions for this specific fan series?