MEH78XBA-R
AI

The **MEH78XBA-R** is a specific model of an **EC (Electronically Commutated) Axial Fan**, typically manufactured by companies like **Nidec (UltraFlo)**. These fans are high-performance cooling solutions used primarily in servers, telecommunications, and industrial power supplies.
---
### 1. Key Technical Specifications
The "Electronic Parts" aspect refers to its internal motor controller and physical power characteristics.
| Feature | Specification |
| :--- | :--- |
| **Voltage** | 12V DC (Typical Operating Range 7V - 13.2V) |
| **Current/Power** | High-amperage (often exceeding 3.0A to 4.0A) |
| **Motor Type** | Brushless DC (BLDC) / EC Motor |
| **Bearing System** | Dual Precision Ball Bearings |
| **Dimensions** | 80mm x 80mm x 38mm (Commonly) |
| **Control Interface** | 4-Wire (VCC, GND, Tachometer, PWM) |
---
### 2. Internal Electronic Components
The MEH78XBA-R is not just a motor; it contains an integrated circuit (IC) board that manages the following:
#### A. The Commutation Drive
Unlike traditional DC fans, this model uses an **Electronic Commutator**.
* **Hall Effect Sensors:** Detect the position of the rotor magnets.
* **Driver IC:** Switches the current to the stator coils based on sensor feedback to ensure smooth rotation.
#### B. PWM (Pulse Width Modulation) Control
The electronic assembly includes a PWM input pin.
* This allows a server or motherboard to send a high-frequency signal to adjust the fan speed from 0% to 100% duty cycle.
* This electronics-driven speed control is much more efficient than varying the voltage.
#### C. Safety & Protection Electronics
* **Locked Rotor Protection:** The electronics detect if the blades are obstructed and cut power to prevent the coils from burning out.
* **Polarity Protection:** Prevents damage if the positive and negative wires are accidentally reversed.
* **Auto-Restart:** Periodically attempts to restart the motor after a stall is cleared.
---
### 3. Pinout Configuration
The "R" suffix often denotes specific wiring or high-speed variants. The typical 4-wire electronic interface is:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Red** | VCC (+) | 12V Power Supply |
| **Black** | GND (-) | Ground |
| **Yellow** | Tachometer | Output signal (2 pulses per revolution) |
| **Blue** | PWM | Input signal for speed control |
---
### 4. Common Applications
Due to the high static pressure and sophisticated electronic control, this part is found in:
* **1U/2U Rackmount Servers:** To push air through dense heatsinks.
* **Mining Rigs:** To dissipate heat from high-wattage GPUs/ASICs.
* **Networking Switches:** Providing redundant cooling for high-speed processors.
---
- ⤷
What is the maximum RPM and CFM for the MEH78XBA-R model?
- ⤷ How do I troubleshoot a 'Fan Fail' signal from this specific EC motor?
- ⤷ Can this fan be used with a standard 3-pin motherboard header?