Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MEH78ZAG-R

  • AI
    The **MEH78ZAG-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits, particularly for voltage regulation and noise filtering. Below is a detailed breakdown of its specifications, construction, and applications. --- ### 1. Key Technical Specifications While exact tolerances can vary by manufacturer (often associated with brands like **SAGAMI**), the general characteristics of the MEH78 series are as follows: | Feature | Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Dimensions** | Approximately 7.0mm x 7.0mm x 4.5mm (Series dependent) | | **Core Material** | Ferrite | | **Shielding** | Magnetic Shielding (reduces EMI) | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Physical Construction The "MEH" series is designed for high-efficiency power conversion. Its construction includes: * **Magnetic Shielding:** The coil is encased in a magnetic material. This prevents the magnetic fields generated by the inductor from interfering with nearby components and protects the inductor from external interference. * **Winding:** High-quality copper wire is wound around a ferrite core to achieve the desired inductance with low **DCR** (Direct Current Resistance). * **Terminals:** Flat, solderable lead frames designed for robust mechanical attachment to a PCB during the reflow soldering process. --- ### 3. Circuit Functions The MEH78ZAG-R typically performs three primary roles in an electronic assembly: 1. **Energy Storage:** In DC-DC converters (Buck or Boost), it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Filtering:** It acts as a low-pass filter to smooth out high-frequency ripple current from switching power supplies. 3. **Noise Suppression:** It chokes high-frequency electromagnetic interference (EMI) to ensure signal integrity in sensitive circuits. --- ### 4. Common Applications You will most commonly find this part in the following devices: * **Consumer Electronics:** Laptops, tablets, and gaming consoles. * **Power Modules:** DC-DC converter modules and Point-of-Load (POL) regulators. * **Communication Equipment:** Base stations and network routers. * **LED Drivers:** Circuits requiring constant current regulation. --- ### 5. Part Number Breakdown (General) * **MEH:** Series identifier (High-current, shielded). * **78:** Physical size code (approx. 7x7mm). * **ZAG:** Specific material or tolerance designation. * **R:** Usually denotes "Tape and Reel" packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value (uH) for the ZAG variant?
    • ⤷ Can this inductor be used in high-temperature automotive environments?
    • ⤷ What are the footprint-compatible alternatives to the MEH78 series?