MEPA-11PB-R/
AI

The **MEPA-11PB-R** is a specific electronic component, typically categorized as a **Micro-Switch** or a **Tactile Push-Button Switch**. These components are widely used in consumer electronics and industrial control panels to provide user input signals.
---
### 1. Technical Specifications
Below is a breakdown of the typical technical parameters for this series of switches:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Momentary Push Button Switch |
| **Mounting Type** | Through-Hole (PCB) |
| **Circuit Configuration** | SPST (Single Pole Single Throw) |
| **Contact Form** | Normally Open (NO) |
| **Rated Voltage** | Typically 12V - 24V DC |
| **Rated Current** | 50mA |
| **Operating Force** | 160gf to 250gf (Common range) |
| **RoHS Status** | Compliant (Indicated by the "R" suffix) |
---
### 2. Key Features and Construction
The MEPA-11PB-R is designed for durability and tactile feedback. Its internal structure usually consists of:
* **Actuator (Button):** The physical part pressed by the user. The "PB" often denotes a Push Button style.
* **Contact Dome:** A metal dome that collapses when pressed, completing the circuit and providing a "click" feel.
* **Terminals:** Metal pins (usually 4) that are soldered onto a Printed Circuit Board (PCB).
* **Housing:** A heat-resistant plastic body that protects the internal mechanism.
---
### 3. Pinout and Circuit Representation
Most switches in this category use a 4-pin layout where pins are internally connected in pairs. This provides mechanical stability on the PCB.
```text
[ Pin 1 ]-------[ Pin 2 ]
| |
[--- Switch Gap ---]
| |
[ Pin 3 ]-------[ Pin 4 ]
```
*When the button is pressed, the connection between (1,2) and (3,4) is closed.*
---
### 4. Common Applications
* **Computer Peripherals:** Reset buttons or power buttons.
* **Consumer Electronics:** Microwave controls, TV buttons, and remote controls.
* **Industrial:** Logic input for Microcontrollers (Arduino, ESP32) to trigger specific software routines.
- ⤷
What is the maximum operating temperature for the MEPA-11PB-R?
- ⤷ Can this switch be used for AC power applications?
- ⤷ What are the physical dimensions/footprint of this switch?