Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MEPA-12M4-R

  • AI
    The **MEPA-12M4-R** is a high-performance, industrial-grade power module, typically categorized as a DC-DC converter or a specialized power supply unit used in automation and telecommunications. Below is a breakdown of its core electronic characteristics and technical specifications. --- ### 1. General Specifications The MEPA series is known for its high efficiency and reliability in harsh environments. The "12M4" suffix generally denotes its voltage output and current capability. | Feature | Description | | :--- | :--- | | **Input Voltage** | Typically wide-range DC (e.g., 18V - 36V or 36V - 75V) | | **Output Voltage** | 12V DC (Regulated) | | **Current Rating** | 4 Amperes | | **Mounting Type** | PCB Mount / Through-hole | | **Cooling** | Conduction/Natural Convection | --- ### 2. Core Electronic Components Inside the MEPA-12M4-R, the following electronic stages manage the power conversion: #### A. Input Filter Stage * **Capacitors:** Low ESR (Equivalent Series Resistance) electrolytic or ceramic capacitors to smooth input ripples. * **Inductors:** Common-mode chokes to reduce Electromagnetic Interference (EMI). #### B. Switching Topology * **PWM Controller:** A Pulse Width Modulation integrated circuit that regulates the output voltage by adjusting the duty cycle of the switching MOSFETs. * **MOSFETs:** High-speed power transistors that "chop" the DC input at high frequencies (typically 100kHz - 500kHz) to increase efficiency. #### C. Isolation & Transformation * **High-Frequency Transformer:** Provides galvanic isolation between the input and output, ensuring safety and noise decoupling. * **Optocoupler:** Provides feedback from the output side to the input controller while maintaining electrical isolation. #### D. Rectification and Filtering * **Schottky Diodes:** Used for high-speed rectification of the transformer output. * **LC Filter:** An inductor-capacitor network that smooths the pulsed DC into a stable 12V output. --- ### 3. Protection Circuits The "R" in the suffix often indicates **RoHS Compliance** or specific **Redundancy/Protection** features: 1. **Over-Current Protection (OCP):** Shuts down or limits current if the load exceeds 4A. 2. **Over-Voltage Protection (OVP):** Prevents the output from spiking and damaging downstream components. 3. **Thermal Shutdown:** Internal sensors that turn off the unit if the operating temperature exceeds safe limits (usually above 85°C-100°C). 4. **Short Circuit Protection:** Recovery mode (Hiccup mode) that activates if the output leads are shorted. --- ### 4. Typical Pin Configuration *Note: Refer to the specific manufacturer datasheet for exact pin mapping.* ```text Pin 1: +Vin (Positive Input) Pin 2: -Vin (Negative Input/GND) Pin 3: Remote On/Off (Control Signal) Pin 4: +Vout (12V Output) Pin 5: -Vout (Output Ground) Pin 6: Trim (Optional voltage adjustment) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature range for the MEPA-12M4-R?
    • ⤷ Does this model support parallel operation for increased current?
    • ⤷ What is the typical efficiency percentage of this DC-DC converter?