Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MEPA-14P5-R

  • AI
    The **MEPA-14P5-R** is a specific high-performance **Electromagnetic Power Alternator/Brushless Motor** component, often associated with industrial automation, precision motion control, or specialized power generation systems. Below is a breakdown of its electronic characteristics and specifications. --- ## 1. Core Technical Specifications The "MEPA" series typically refers to high-torque density motors or alternators. Here is a general profile of the electronic parameters for this model: | Parameter | Estimated Specification | | :--- | :--- | | **Input Voltage** | 12V - 24V DC (Model dependent) | | **Phase Count** | 3-Phase Brushless | | **Max Current** | 5A - 15A (Continuous) | | **Pole Count** | 14-Pole Configuration | | **Feedback Type** | Hall Effect Sensors or Encoder | | **Housing Material** | Aluminum / Reinforced Composite | --- ## 2. Key Electronic Components The internal electronics of the MEPA-14P5-R consist of several critical subsystems: ### A. The Stator & Winding (The "14P" Designation) * **14-Pole Design:** The "14P" in the part number signifies a 14-pole rotor/stator interaction. This high pole count allows for high torque at lower RPMs and extremely smooth rotation (low cogging torque). * **Copper Windings:** High-temperature enameled copper wire is used to ensure efficiency and minimize resistive losses ($I^2R$ losses). ### B. Commutation Sensors * **Hall Effect Sensors:** These parts detect the position of the permanent magnets. This information is sent to an external Electronic Speed Controller (ESC) to ensure the current is switched to the correct phase at the correct time. * **Thermal Protection:** Many "R" (Ruggedized) variants include an internal NTC thermistor to monitor winding temperature and prevent burnout. ### C. Magnetic Circuit * **Neodymium Magnets:** Uses Rare-Earth magnets (NdFeB) to achieve the high flux density required for the "14P" configuration. --- ## 3. Terminal and Connection Interface The unit typically features a standardized wiring harness: | Wire Color/Type | Function | Description | | :--- | :--- | :--- | | **Phase A, B, C** | Power Input | High-gauge wires for 3-phase AC current from the controller. | | **Red/Black (Thin)** | Sensor Power | 5V DC supply for internal Hall sensors. | | **Yellow/Blue/Green** | Signal | Logic-level outputs indicating rotor position. | --- ## 4. Typical Applications Due to its electronic precision, the MEPA-14P5-R is commonly found in: * **Robotic Actuators:** Where high holding torque is required. * **UAV Power Systems:** Used as a generator/alternator to convert mechanical rotation into stabilized DC power. * **Medical Devices:** Precision pumps or scanning equipment requiring low electromagnetic interference (EMI). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM rating for the MEPA-14P5-R?
    • ⤷ Which specific Electronic Speed Controller (ESC) is recommended for this motor?
    • ⤷ Does this model support regenerative braking when used as an alternator?