MEPF-11ME-R/Q
AI

The **MEPF-11ME-R/Q** is an identification code for a specific type of **Ferrite Core** (specifically a Flat Cable EMI Suppressor), typically manufactured by companies like **Murata** or similar electronic component providers. These parts are used to suppress electromagnetic interference (EMI) in electronic assemblies.
---
### 1. Component Overview
These parts are designed to be clipped or slid onto flat ribbon cables. They act as a "common-mode choke," filtering out high-frequency noise while allowing the desired signal to pass through.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | EMI/RFI Ferrite Core (Flat Cable Type) |
| **Material** | Ferrite (Nickel-Zinc or Manganese-Zinc) |
| **Configuration** | Solid Rectangular Ring / Split Core |
| **Application** | Flat Ribbon Cables (Internal data lines) |
| **Compliance** | RoHS Compliant |
---
### 2. Breakdown of the Part Number
While specific manufacturer prefixes can vary, the nomenclature generally follows this logic:
* **MEPF:** Series designation for Flat Cable Ferrite cores.
* **11ME:** Specific dimensional sizing (relating to the width and height of the inner slot for the cable).
* **R/Q:** Material characteristics or packaging indicators (High-impedance vs. Standard-impedance at specific frequency ranges like 100MHz).
---
### 3. Key Electronic Functions
Ferrite cores like the MEPF series work through two primary mechanisms:
1. **Inductive Reactance:** At lower frequencies, the core provides inductance, resisting changes in current.
2. **Resistive Loss:** At higher frequencies (EMI range), the ferrite core becomes "lossy" and converts the noise energy into a tiny amount of heat, effectively removing it from the signal path.
---
### 4. Technical Specifications Table
*Note: Typical values for the MEPF-11 series.*
| Parameter | Typical Value |
| :--- | :--- |
| **Impedance @ 25MHz** | ~30 Ω to 50 Ω |
| **Impedance @ 100MHz** | ~80 Ω to 120 Ω |
| **Internal Slot Width** | ~11mm to 13mm (Varies by sub-model) |
| **Operating Temp** | -25°C to +85°C |
---
### 5. Common Applications
* **Computing:** Internal ribbon cables connecting motherboards to peripherals.
* **Display Technology:** Flat Flex Cables (FFC) used in LCD/LED panels.
* **Industrial Automation:** Signal lines prone to motor noise or high-frequency switching interference.
- ⤷
What are the physical dimensions of the MEPF-11ME slot?
- ⤷ How does impedance change with frequency in this specific ferrite core?
- ⤷ Are there split-core versions of this part for post-assembly installation?