MEPF-11P4-R/Q
AI

The **MEPF-11P4-R/Q** is a high-precision, automotive-grade thin film chip resistor. It belongs to a specialized class of passive components designed for stability, low noise, and reliability in harsh environments.
---
### 1. Key Technical Specifications
Below is a breakdown of the typical electronic characteristics for this series:
| Property | Description |
| :--- | :--- |
| **Component Type** | Thin Film Precision Chip Resistor |
| **Case Size** | 1206 (Metric 3216) |
| **Tolerance** | ±0.1% to ±0.5% (High Precision) |
| **TCR** | ±10 ppm/°C to ±50 ppm/°C (Low Temperature Coefficient) |
| **Power Rating** | 0.25W (1/4 Watt) |
| **Operating Temp** | -55°C to +155°C |
| **Certification** | AEC-Q200 Qualified (Automotive Grade) |
---
### 2. Suffix Meaning (R/Q)
The suffix in these part numbers usually denotes specific performance tiers or packaging:
* **P4**: Often refers to the Temperature Coefficient of Resistance (TCR) rating (e.g., 25ppm).
* **R**: Generally signifies the Resistance value or "RoHS Compliant" status.
* **Q**: Typically indicates **AEC-Q200** compliance, meaning the part has undergone stress testing for automotive use (vibration, thermal shock, moisture resistance).
---
### 3. Internal Construction
Thin film resistors like the MEPF series are constructed differently than standard thick film resistors:
1. **Substrate:** High-purity Alumina ($Al_2O_3$) ceramic.
2. **Resistive Layer:** A thin layer of metal film (usually Nickel-Chrome) sputtered onto the substrate. This allows for a much more uniform crystalline structure.
3. **Protective Coating:** Multiple layers of epoxy or glass to prevent oxidation and sulfur moisture.
4. **Terminations:** Multi-layer end-bands (usually Silver/Nickel/Tin) for excellent solderability.
---
### 4. Typical Applications
Due to its high stability and precision, the MEPF-11P4-R/Q is found in:
* **Automotive ECUs:** Engine control units where heat stability is vital.
* **Medical Equipment:** Monitoring devices requiring low signal noise.
* **Measurement Instruments:** Scale and sensor interfaces where accuracy is paramount.
* **Industrial Automation:** Feedback loops in motor controllers.
---
### 5. Sample Part Number Logic
```text
MEPF - 11 - P4 - 1002 - B - R / Q
| | | | | | |
Series Size TCR Value Tol RoHS Auto-Grade
```
- ⤷
What is the specific resistance value for your application?
- ⤷ Do you require the full AEC-Q200 test report for this component?
- ⤷ Are you looking for an equivalent replacement from brands like Vishay or Susumu?