AI

Based on the part number provided, this component is a **High-Current Power Inductor** typically used in automotive and industrial power electronics. It belongs to the **MEPF Series** (Molded Energy Power Ferrite/Flat-wire).
### 1. Part Number Breakdown
While specific manufacturers (like Mag Layers or similar magnetic component specialists) use slightly different codes, the standard breakdown for this series is as follows:
| Segment | Code | Description |
| :--- | :--- | :--- |
| **Series** | **MEPF** | Molded Power Inductor (Flat-wire technology) |
| **Size** | **13** | Approximate footprint (e.g., 13.5mm x 12.5mm) |
| **Thickness** | **P5** | Height profile (e.g., 5.0mm to 6.5mm) |
| **Inductance** | **W** | Tolerance or specific winding style |
| **Compliance** | **-R** | RoHS compliant / Lead-free |
---
### 2. Key Technical Characteristics
These parts are engineered for high-density power conversion. Their primary electronic characteristics include:
* **Construction:** Metal composite powder molding. This creates a "soft saturation" characteristic, meaning the inductance doesn't drop off sharply when the current increases.
* **Winding Type:** **Flat-wire (Rectangular wire)**. Unlike round wire, flat wire minimizes skin effect and allows for a much lower **DCR** (Direct Current Resistance), which reduces heat and improves efficiency.
* **Shielding:** Magnetically shielded construction. This minimizes Electromagnetic Interference (EMI) with surrounding components on the PCB.
* **AEC-Q200:** Most parts in this size/series are automotive-grade, capable of handling high vibrations and temperatures.
---
### 3. Typical Specifications
*Note: Values may vary slightly by manufacturer.*
| Parameter | Typical Range/Value |
| :--- | :--- |
| **Inductance Range** | 0.1µH to 10µH (depends on sub-code) |
| **Operating Temperature** | -40°C to +125°C or +155°C |
| **Saturation Current (Isat)** | High (often 20A to 60A+) |
| **Heating Current (Irms)** | High (often 15A to 40A+) |
| **DC Resistance (DCR)** | Extremely low (sub-milliohm to low milliohm) |
---
### 4. Common Applications
Due to their high current handling and compact size, the MEPF-13P5W-R is commonly used in:
1. **DC/DC Converters:** Point-of-load (POL) power supplies for CPUs and GPUs.
2. **Automotive Systems:** LED lighting drivers, Infotainment systems, and ADAS modules.
3. **Industrial Power:** High-efficiency buck/boost regulators.
4. **Battery Management:** High-current charging circuits.
---
### 5. Schematic Symbol & Footprint
```text
L1 (Inductor)
+----(nnnn)----+
| |
In Out
```
*The footprint is a 2-pad Surface Mount Device (SMD). Ensure the PCB land pattern accounts for the large solder pads required to dissipate heat.*
- ⤷What is the exact inductance value for the 13P5W-R variant?
- ⤷ How does flat-wire technology compare to round-wire in terms of efficiency?
- ⤷ Are there recommended substitutes for the MEPF series in automotive designs?