MEPF-14M1W-R
AI

The **MEPF-14M1W-R** is a specific electronic component, typically categorized as a high-precision **Thin Film Chip Resistor** or a specialized **Metal Film Resistor**. These components are widely used in power electronics, automotive systems, and telecommunications where stability and low noise are critical.
---
## Technical Specifications
The part number follows a specific nomenclature used by manufacturers (often associated with brands like Viking Tech or similar high-precision producers). Below is a breakdown of its core electronic characteristics:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | MELF (Metal Electrode Leadless Face) Resistor |
| **Package Size** | 0204 or 0207 (Cylindrical SMD) |
| **Resistance Range** | High Precision (Values vary based on specific sub-code) |
| **Tolerance** | $\pm$0.1% to $\pm$1% (High accuracy) |
| **Power Rating** | 0.25W to 1W (Depending on size/derating) |
| **TCR** | $\pm$15ppm/°C to $\pm$50ppm/°C (Temperature Coefficient) |
| **Operating Temp** | -55°C to +155°C |
---
## Key Features
### 1. MELF Construction
Unlike standard flat-chip thick film resistors, the **MEPF** series uses a cylindrical metal electrode leadless face. This provides:
* **Superior Thermal Dissipation:** The cylindrical shape has a larger surface area compared to flat resistors.
* **Pulse Handling:** Better ability to withstand energy surges.
### 2. Thin Film Technology
The resistive layer is sputtered onto a high-grade ceramic body. This results in:
* **Low Noise:** Excellent for audio or sensitive measurement circuits.
* **High Stability:** Minimal resistance drift over the lifetime of the component.
### 3. Environmental Protection
The suffix **-R** usually denotes **RoHS Compliance**, meaning the part is lead-free and meets environmental safety standards.
---
## Common Applications
The MEPF-14M1W-R is commonly found in the following sectors:
* **Automotive:** Engine control units (ECUs) and battery management systems.
* **Industrial:** Precise weighing scales, measurement instrumentation, and PLC modules.
* **Telecommunications:** Base stations and high-frequency signal processing.
* **Medical:** Diagnostic equipment where signal integrity is paramount.
---
## Comparison: MELF vs. Flat Chip
| Feature | MELF (MEPF Series) | Standard Flat Chip (SMD) |
| :--- | :--- | :--- |
| **Reliability** | Excellent | Good |
| **Precision** | Very High | Moderate |
| **Moisture Resistance** | High | Standard |
| **Cost** | Higher | Low |
- ⤷
What is the specific resistance value for the 14M1W variant?
- ⤷ Can this resistor be used in high-frequency RF applications?
- ⤷ What are the recommended soldering profiles for MELF packages?