MERP-11P3-R
AI

The **MERP-11P3-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Power Inductor**. These parts are designed for high-efficiency power management circuits, specifically within DC-DC converters and voltage regulator modules.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The part number follows a standard naming convention for magnetic components. While exact specifications can vary slightly by manufacturer (often associated with brands like **Chilisin** or **Mag.Layers**), the typical parameters are as follows:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Molded Power Inductor |
| **Inductance** | 1.1 µH (Nominal) |
| **Tolerance** | ±20% (Typical for "M" designation) |
| **Construction** | Metal Alloy Powder (Shielded) |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Key Electronic Characteristics
#### A. High Saturation Current ($I_{sat}$)
Due to its molded metal powder construction, the MERP-11P3-R handles high peak currents without the inductance dropping off sharply. This is critical for preventing circuit failure during power spikes.
#### B. Low DC Resistance (DCR)
The internal copper winding is designed to have very low resistance. This minimizes power loss (heat) and maximizes the battery life/efficiency of the device it is integrated into.
#### C. Magnetic Shielding
The "Molded" design means the coil is encased in a magnetic metal powder resin. This provides:
- **EMI Reduction:** Lower electromagnetic interference with surrounding components.
- **Physical Ruggedness:** Protection against mechanical shock and vibration.
---
### 3. Applications
This part is commonly found in the following electronic environments:
* **Mobile Devices:** Smartphones and tablets (CPU/GPU power rails).
* **Computing:** Laptops and SSD power management.
* **Telecommunications:** Distributed power systems and base stations.
* **DC-DC Converters:** Buck, Boost, and Buck-Boost topologies.
---
### 4. Footprint and Dimensions
The "P3" or similar codes in the suffix often denote the physical size (Package Code). For this series, it usually refers to a compact footprint (e.g., 2.0mm x 1.6mm or 2.5mm x 2.0mm), allowing for high-density PCB layouts.
---
- ⤷
What is the maximum saturation current (Isat) for the MERP-11P3-R?
- ⤷ How does a molded inductor differ from a traditional wire-wound ferrite inductor?
- ⤷ Which manufacturers are the primary suppliers for the MERP series?