Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MERP-12P2-R/Q

  • AI
    The **MERP-12P2-R/Q** is a high-precision, industrial-grade **Magnetic Incremental Rotary Encoder** produced by RLS (a Renishaw associate company). This component is designed for motion control applications where space is limited and reliability in harsh environments is critical. --- ### 1. Component Overview The MERP system consists of a miniature PCB-mounted sensor and a corresponding magnetic actuator (ring). It provides real-time feedback on position and velocity. | Feature | Specification | | :--- | :--- | | **Type** | Incremental Magnetic Encoder | | **Output Signal** | RS422 (Differential) or TTL (Single-ended) | | **Resolution** | Up to 12-bit (4,096 counts per revolution) | | **Input Voltage** | 5V DC | | **Max Speed** | Up to 60,000 RPM (depending on resolution) | --- ### 2. Key Electronic Characteristics #### A. Sensing Technology The part utilizes **Hall-effect sensor arrays**. Unlike optical encoders that use light and a glass disk, the MERP-12P2-R/Q detects changes in the magnetic field flux from a rotating magnetized ring. This makes it immune to: * Dust and dirt. * Oil and grease. * Vibrations and shocks. #### B. Output Interface (The "R/Q" designation) * **Quadrature Signals (A, B):** Two channels shifted by 90 degrees to determine direction and position. * **Index Signal (Z):** Provides a "home" or reference pulse once per revolution. * **RS422 Line Driver:** The "R" usually signifies a differential RS422 output, which ensures high noise immunity over long cable runs. #### C. Integration Method The "P2" variant refers to the physical integration style, typically a **PCB-level integration**. * **Compact Form Factor:** The sensor is extremely small, allowing it to be embedded directly into motor housings or gimbal assemblies. * **Non-Contact Design:** There is no mechanical wear because the sensor and magnetic ring do not touch. --- ### 3. Connection Pinout (General) While specific pinouts can vary by sub-revision, a standard 12-pin or micro-connector configuration for this series follows this logic: ```markdown 1. Vcc (5V) 2. GND (0V) 3. A+ (Channel A) 4. A- (Channel A Inverted) 5. B+ (Channel B) 6. B- (Channel B Inverted) 7. Z+ (Index) 8. Z- (Index Inverted) ``` --- ### 4. Typical Applications * **Robotics:** Joint position sensing in cobots. * **Medical Equipment:** Precision scanners and surgical tools. * **Gimbals:** Camera stabilization systems. * **Brushless DC (BLDC) Motors:** Commutation and velocity control.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the MERP-12P2-R/Q?
    • ⤷ How do I calculate the interpolation factor for higher resolutions?
    • ⤷ What is the recommended air gap between the sensor and the magnetic ring?