MERP-14PD-R/Q
AI

The **MERP-14PD-R/Q** is a high-performance, radiation-hardened (or radiation-tolerant) power conversion module, typically used in aerospace, satellite, and defense applications. It belongs to a class of isolated DC-DC converters designed to operate in harsh environments.
---
### ## Technical Specifications Overview
The "MERP" series (often associated with manufacturers like Crane Aerospace & Electronics / Interpoint) is known for its high efficiency and reliability.
| Feature | Description |
| :--- | :--- |
| **Input Voltage Range** | Typically 16V to 40V DC (28V Nominal) |
| **Output Voltage** | 14V DC (Model specific) |
| **Power Output** | Approximately 15W to 30W (Depending on thermal conditions) |
| **Isolation** | Magnetic coupling (Input to Output) |
| **Package Style** | Hermetically sealed metal case |
| **Radiation Tolerance** | Designed for Total Ionizing Dose (TID) and SEE |
---
### ## Key Electronic Components & Internal Architecture
The module is a hybrid microcircuit, meaning it combines discrete components with specialized integrated circuits on a ceramic substrate.
#### 1. Power Stage (Flyback or Forward Converter)
* **MOSFETs:** Uses radiation-hardened N-channel MOSFETs for switching.
* **Transformers:** High-frequency planar or toroidal transformers provide the galvanic isolation and voltage transformation.
#### 2. Control Circuitry
* **PWM Controller:** A Pulse Width Modulation (PWM) chip regulates the output voltage by adjusting the duty cycle of the power switches.
* **Feedback Loop:** Uses an optoisolator or a magnetic feedback element to maintain regulation while keeping the input and output electrically isolated.
#### 3. Protection Features
* **Soft Start:** Prevents current spikes during power-up.
* **Inhibit Function:** Allows the device to be turned on/off via a logic signal.
* **Current Limiting:** Protects the internal circuitry from short circuits or over-current events.
---
### ## Suffix Definitions (-R/Q)
In high-reliability electronics, suffixes denote the screening level and radiation testing:
* **-R:** Generally indicates **Radiation Hardened**. This means the device is tested to withstand specific levels of Total Ionizing Dose (e.g., up to 100k rads).
* **-Q:** Refers to the **Quality Level** or Screening. Often compliant with MIL-PRF-38534 Class H or K, ensuring the part is suitable for space flight or mission-critical military hardware.
---
### ## Application Context
These parts are not found in consumer electronics. They are integrated into:
1. **Satellites (LEO/GEO):** Powering onboard computers and sensors.
2. **Military Aircraft:** Providing regulated power from noisy 28V bus systems.
3. **Space Exploration Rovers:** Managing power in high-radiation environments.
- ⤷
What is the maximum Total Ionizing Dose (TID) this part can withstand?
- ⤷ Can you explain the difference between Class H and Class K screening for these modules?
- ⤷ What are the pinout configurations for the MERP series?