Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MEWT-225W-R

  • AI
    The **MEWT-225W-R** is a high-performance, medical-grade power supply unit (PSU) typically used in healthcare environments and sensitive electronic applications. It is part of a series designed for high efficiency and reliability. --- ### 1. Key Technical Specifications The following table highlights the core electronic parameters of the MEWT-225W-R: | Parameter | Specification | | :--- | :--- | | **Output Power** | 225 Watts (with forced air cooling) | | **Input Voltage** | 90 - 264 VAC (Universal Input) | | **Output Voltage** | Typically 12V, 24V, or 48V (depending on sub-model) | | **Efficiency** | Up to 94% | | **Form Factor** | 2" x 4" Open Frame | | **Certifications** | IEC60601-1 (Medical), Class I & Class II | --- ### 2. Core Electronic Components The internal architecture of this PSU consists of several critical stages: #### A. Input Filtering & Protection * **EMI Filter:** Utilizes X and Y capacitors along with common-mode chokes to suppress electromagnetic interference, ensuring compliance with medical noise standards. * **Inrush Current Limiter:** Usually a thermistor or active circuit that prevents damage to the bridge rectifier during initial power-up. #### B. Power Factor Correction (PFC) * **Active PFC:** This stage ensures the current waveform matches the voltage waveform, reducing harmonic distortion and improving overall grid efficiency. It typically utilizes a high-frequency MOSFET and a dedicated PFC controller. #### C. DC-DC Conversion (Resonant Topology) * **LLC Resonant Converter:** Many 225W models use this topology to achieve high efficiency and low switching noise. It allows for "Zero Voltage Switching" (ZVS), which reduces thermal stress on components. * **Main Transformer:** A high-frequency ferrite core transformer provides the required galvanic isolation (typically 4000VAC for medical safety) between the primary and secondary sides. #### D. Secondary Rectification & Output * **Synchronous Rectifiers:** Instead of standard diodes, MOSFETs are used on the output side to minimize power loss through heat, which is vital for the compact 2x4 inch footprint. * **Filter Capacitors:** High-quality electrolytic or polymer capacitors with low ESR (Equivalent Series Resistance) to ensure low ripple voltage. --- ### 3. Medical Specific Features Because it is a medical-grade device, the electronic design includes: * **Low Leakage Current:** Designed to protect patients from electric shock. * **2 x MOPP:** "Means of Patient Protection," providing two independent layers of insulation. * **Thermal Management:** Built-in thermal shutdown circuitry that protects the MOSFETs and transformers from overheating. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Class I and Class II medical power supplies?
    • ⤷ How does forced air cooling affect the wattage rating of this unit?
    • ⤷ What is the typical ripple and noise specification for the MEWT series?