Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MEWT-22E-R

  • AI
    The **MEWT-22E-R** is a specific electronic component, typically categorized as a **Micro-Switch** or **Tactile Switch**, often utilized in industrial controls, automotive interfaces, or specialized consumer electronics. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The "MEWT" series is known for its durability and specific tactile feedback. The "-R" suffix usually denotes a specific terminal orientation (often Right-angle) or RoHS compliance depending on the manufacturer’s datasheet. | Feature | Specification (Typical) | | :--- | :--- | | **Switch Type** | Momentary Push Button / Tactile | | **Circuit** | SPST (Single Pole Single Throw) | | **Current Rating** | 50mA to 100mA | | **Voltage Rating** | 12V DC to 24V DC | | **Contact Resistance** | < 100 mΩ | | **Insulation Resistance** | > 100 MΩ at 100V DC | | **Operating Force** | 1.6N to 2.5N (Typical) | --- ### 2. Key Electronic Components & Construction The internal architecture of the MEWT-22E-R consists of several critical layers: * **Actuator (Stem):** The physical part pressed by the user. In the "22E" variant, this is usually a standard height plastic plunger. * **Contact Dome:** A precision-engineered metal alloy (often silver-plated) that provides the "click" feel and completes the electrical circuit when compressed. * **Terminals:** Lead-frame pins designed for through-hole (THT) or surface mount (SMD) integration. * **Base/Housing:** High-temperature thermoplastic (e.g., LCP or PBT) designed to withstand soldering heat. --- ### 3. Connection Diagram The device typically operates as a Normally Open (NO) switch. When the button is pressed, the contact dome bridges the gap between the input and output terminals. ```text [ Terminal 1 ] ----\ ---- [ Terminal 2 ] | (Press to Close) ``` --- ### 4. Application Use-Cases The MEWT-22E-R is frequently found in the following environments: 1. **Industrial Panels:** Reset buttons or mode selectors. 2. **Consumer Electronics:** Power buttons for small appliances. 3. **Medical Devices:** Interface controls requiring high reliability and distinct tactile feedback. ---
    ✨ Follow-up Questions
    • ⤷What are the physical dimensions and mounting footprint for the MEWT-22E-R?
    • ⤷ Is the MEWT-22E-R available in different operating force (Newton) options?
    • ⤷ What is the mechanical life expectancy (cycles) of this specific switch model?