Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MEWT-322W-R

  • AI
    The **MEWT-322W-R** is a specific electronic component commonly associated with **Electromagnetic Buzzers** (or Magnetic Transducers) manufactured by companies like **STB** or **Mallory Sonalert**. These are primarily used for audible signaling in consumer electronics, automotive dashboards, and industrial equipment. --- ### 1. General Specifications Based on the standard parameters for this series of surface-mount (SMD) magnetic buzzers, here are the likely technical specifications: | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Magnetic / Electromagnetic | | **Drive Type** | External Drive (requires an oscillating circuit) | | **Rated Voltage** | 3.0V - 5.0V DC | | **Operating Voltage** | 2.0V ~ 5.0V | | **Rated Current** | Max 80 - 100 mA | | **Resonant Frequency** | 2,700 Hz (approximate) | | **Sound Pressure Level (SPL)** | ≥ 85 dB (at 10cm distance) | | **Mounting Type** | Surface Mount Device (SMD) | --- ### 2. Internal Electronic Structure Unlike a piezo buzzer (which uses a ceramic crystal), the **MEWT-322W-R** is an electromagnetic device. Its internal construction consists of: * **Coil:** A fine copper wire winding that creates a magnetic field when current passes through it. * **Magnet:** A permanent magnet that provides a bias field. * **Diaphragm:** A thin iron or metal plate. When the oscillating current enters the coil, it fluctuates the magnetic field, causing the diaphragm to vibrate and create sound waves. * **Housing:** A heat-resistant LCP or PPS plastic casing designed to withstand Reflow Soldering temperatures. --- ### 3. Application Circuit Since this is an **External Drive** buzzer, it does not beep just by applying a DC voltage. You must provide a square wave at its resonant frequency. ```cpp // Example Arduino Code to drive the buzzer const int buzzerPin = 9; // Connected to the gate of a transistor void setup() { pinMode(buzzerPin, OUTPUT); } void loop() { tone(buzzerPin, 2700); // Send 2.7kHz square wave delay(500); noTone(buzzerPin); delay(500); } ``` --- ### 4. Key Considerations for Implementation * **Polarity:** These components are polarized. One side is marked with a "+" sign; reversing it will significantly reduce sound output or damage the coil. * **Driving Circuit:** Do not drive directly from a Microcontroller (MCU) pin. The current draw (~80mA) exceeds the capacity of most GPIO pins. Use a **NPN Transistor (like MMBT3904)** or a MOSFET as a switch. * **Flyback Diode:** It is recommended to place a diode in parallel with the buzzer to protect the circuit from inductive voltage spikes when the coil is de-energized.
    ✨ Follow-up Questions
    • ⤷What is the difference between an internal drive and external drive buzzer?
    • ⤷ How do I calculate the resistor value for the transistor switch in this circuit?
    • ⤷ Can this buzzer be used for PWM-based volume control?