AI

The part number **MEX-F-03221-R** refers to a high-precision, automotive-grade **NTC (Negative Temperature Coefficient) Thermistor** sensor assembly, typically manufactured by **Mitsubishi Materials Corporation** (now part of the ScioSense or similar specialty sensor groups).
These components are designed for harsh environments where accurate temperature measurement is critical.
---
### 1. Technical Specifications
The "MEX" series is known for its durability and moisture resistance. Below are the typical characteristics associated with this specific part:
| Characteristic | Description |
| :--- | :--- |
| **Type** | NTC Thermistor (Resistance decreases as temperature increases) |
| **Series** | MEX (Moisture-resistant, resin-coated) |
| **Resistance at 25°C** | 3.2 kΩ (standard for the 03221 series) |
| **B-Constant** | Typically ~3900K - 4000K (defines the curve slope) |
| **Tolerance** | ±1% to ±3% (depending on specific binning) |
| **Operating Temp Range** | -40°C to +125°C (Automotive Standard) |
| **Compliance** | RoHS Compliant, Lead-Free |
---
### 2. Physical Construction
The MEX-F-03221-R is built to withstand mechanical stress and chemical exposure:
1. **Sensing Element:** A high-stability ceramic semiconductor chip.
2. **Coating:** Encapsulated in a special **epoxy resin** (F-type) that provides superior insulation and protection against humidity.
3. **Leads:** Usually features radial tinned copper leads, sometimes insulated with a flexible sleeve for chassis mounting.
4. **Suffix "-R":** Generally indicates **Reel** packaging or specific **RoHS** compliance certification.
---
### 3. Common Applications
Due to its reliability and specific resistance value (3.2k), it is frequently found in:
* **Automotive Systems:** Evaporator temperature sensing in HVAC systems to prevent icing.
* **Industrial Controls:** Overheat protection in power supplies or motor drives.
* **Home Appliances:** Temperature monitoring in refrigerators or air conditioning units.
---
### 4. Resistance-Temperature Relationship
As an NTC device, the resistance follows an exponential decay. If you are troubleshooting this part, you can use the **Steinhart-Hart equation** or a simplified B-parameter formula:
```python
# Simplified resistance calculation formula (Python)
import math
def calculate_resistance(temp_c, r25, b_const):
temp_k = temp_c + 273.15
t25_k = 25 + 273.15
resistance = r25 * math.exp(b_const * (1/temp_k - 1/t25_k))
return resistance
# Example for MEX-F-03221-R at 50°C
# res = calculate_resistance(50, 3200, 3950)
```
---
- ⤷What is the exact B-constant for the MEX-F-03221-R model?
- ⤷ How do I test if this thermistor is functioning correctly with a multimeter?
- ⤷ What are the direct equivalents or substitutes for this Mitsubishi sensor?