Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MEX-F-12121-R

  • AI
    The **MEX-F-12121-R** refers to a high-precision, sub-miniature **Surface Mount Device (SMD) Tactile Switch**, typically manufactured by companies like Mitsumi or similar specialist electronic component vendors. These components are critical in modern consumer electronics where space is at a premium, such as smartphones, wearables, and medical devices. --- ### 1. Technical Specifications The following table summarizes the typical electrical and physical characteristics of this part series: | Parameter | Specification | | :--- | :--- | | **Type** | Tactile Switch (Push Button) | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Circuit** | SPST-NO (Single Pole Single Throw, Normally Open) | | **Operating Force** | 1.6N to 2.4N (Commonly 160gf) | | **Switch Travel** | 0.12mm to 0.25mm | | **Contact Rating** | DC 12V, 50mA (Max) | | **Contact Resistance** | 100 mΩ Max | | **Operating Life** | 100,000 to 500,000 Cycles | --- ### 2. Physical Design & Dimensions The "12121" designation often refers to the footprint or height profile of the switch. * **Low Profile:** These switches are designed to be extremely thin (often under 1.5mm in height) to fit inside slim enclosures. * **Actuator:** Features a short-stroke actuator that provides "clicky" tactile feedback to the user despite the small size. * **Terminals:** Usually features "J-bend" or "Gull-wing" leads for stable soldering onto a PCB. --- ### 3. Materials and Construction The internal electronics consist of three main layers: 1. **Cover:** Stainless steel or nickel-silver plate for structural integrity. 2. **Contact Dome:** A stainless steel snap-dome that acts as the moving contact and provides the tactile "click." 3. **Base:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) to withstand reflow soldering temperatures. --- ### 4. Typical Applications Due to its reliability and miniature size, the MEX-F series is commonly found in: * **Mobile Devices:** Volume rockers and power buttons. * **TWS Earbuds:** Control buttons on the exterior of the casing. * **IoT Sensors:** Reset buttons or user input triggers. * **Automotive:** Interior controls for infotainment systems. ---
    ✨ Follow-up Questions
    • ⤷ What are the soldering temperature requirements for the MEX-F-12121-R?
    • ⤷ How does the 'R' suffix affect the packaging (Tape and Reel) specifications?
    • ⤷ Are there waterproof (IP67) versions available for this specific footprint?