Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MF-R055/90U

  • AI
    The **MF-R055/90U** is a specific type of electronic component known as a **PTC (Positive Temperature Coefficient) Resettable Fuse**, manufactured by Bourns. These devices are commonly used for overcurrent protection in electronic circuits. --- ## 1. Core Technical Specifications The part number follows a specific nomenclature. Here are the primary characteristics of the MF-R055/90U: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Hold Current ($I_{hold}$)** | 0.55 Amps | The maximum current the device will pass without tripping. | | **Trip Current ($I_{trip}$)** | 1.10 Amps | The minimum current at which the device will switch to high resistance. | | **Rated Voltage ($V_{max}$)** | 90 Volts | The maximum voltage the device can withstand without damage. | | **Max Current ($I_{max}$)** | 40 Amps | The maximum fault current the device can safely handle. | | **Form Factor** | Radial Leaded | Through-hole mounting style with two wire leads. | --- ## 2. How it Works (The PTC Effect) Unlike a standard one-time fuse that melts and breaks the circuit permanently, the MF-R055/90U is "resettable." 1. **Normal State:** The internal polymer material contains conductive carbon black particles. Under normal current, the resistance is very low. 2. **Fault State:** If an overcurrent occurs, the $I^2R$ heating causes the polymer to expand. 3. **Tripped State:** As the polymer expands, the carbon chains break apart, causing the resistance to increase exponentially. This effectively "shuts off" the circuit. 4. **Reset:** Once the fault is cleared and the power is removed, the device cools down, the polymer contracts, and the conductive paths are restored. --- ## 3. Key Applications The "90U" suffix specifically indicates a higher voltage rating (90V) compared to standard 30V or 60V models, making it suitable for: * **Telecommunications:** Protection for line cards and network equipment. * **Industrial Controls:** Protecting sensors and PLC I/O ports from shorts. * **Power Supplies:** Secondary side protection where voltages might exceed 60V. * **Medical Equipment:** Reliable, low-maintenance circuit protection. --- ## 4. Comparison: PTC vs. Standard Fuse | Feature | MF-R055/90U (PTC) | Standard Glass Fuse | | :--- | :--- | :--- | | **Resetability** | Automatically resets after cooling | One-time use (must be replaced) | | **Resistance** | Higher base resistance | Very low resistance | | **Reaction Time** | Slower (Thermal based) | Faster (Melting based) | | **Maintenance** | Low/None | High (Requires physical replacement) |
    ✨ Follow-up Questions
    • ⤷ What is the typical 'Time-to-Trip' for the MF-R055/90U at 2.75 Amps?
    • ⤷ How does ambient temperature affect the hold current of this PTC fuse?
    • ⤷ Can this component be used in AC voltage applications or is it DC only?