MF-R090-0-99
AI

The **MF-R090-0-99** is a specific model of a **Polymeric Positive Temperature Coefficient (PPTC)** resettable fuse, manufactured by Bourns. These components are commonly referred to as "multifuses" or "polyfuses."
---
### 1. Technical Specifications
Below are the key electrical characteristics for the MF-R090-0-99:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Hold Current ($I_{hold}$)** | 0.90 A | The maximum current the device can carry without tripping. |
| **Trip Current ($I_{trip}$)** | 1.80 A | The minimum current at which the device will switch to high resistance. |
| **Max Voltage ($V_{max}$)** | 60 V | The maximum voltage the device can withstand without damage. |
| **Max Current ($I_{max}$)** | 40 A | The maximum fault current the device can safely interrupt. |
| **Power Dissipation** | 0.9 W | Typical power dissipated when in the tripped state. |
| **Resistance ($R_{min}/R1_{max}$)** | 0.07 – 0.22 $\Omega$ | The resistance range of the device in its initial state. |
---
### 2. Physical and Material Properties
* **Package Type:** Through-hole (Radial Leaded).
* **Material:** Conductive polymer mixed with carbon black.
* **Terminations:** Tin-plated copper.
* **Operating Temperature:** $-40^\circ\text{C}$ to $+85^\circ\text{C}$.
* **Packaging Suffix (-99):** The "-99" suffix typically indicates specific bulk packaging or a standard commercial lead-free finish.
---
### 3. Functional Theory (How it Works)
Unlike a traditional wire fuse that melts and must be replaced, the MF-R090 is **resettable**:
1. **Normal State:** The polymer is in a crystalline state, and carbon particles form conductive paths, allowing current to flow with low resistance.
2. **Fault State:** During an overcurrent or over-temperature event, the polymer heats up and expands into an amorphous state. This breaks the carbon chains, causing resistance to spike instantly.
3. **Reset State:** Once the power is disconnected and the device cools down, the polymer shrinks, the carbon chains reconnect, and the device returns to a low-resistance state.
---
### 4. Common Applications
* **USB Port Protection:** Protecting computer peripherals from overcurrent.
* **Power Supplies:** Guarding against short circuits in low-voltage transformers.
* **Industrial Controls:** Protecting sensors and PLC I/O ports.
* **Medical Electronics:** General circuit protection where downtime for fuse replacement is undesirable.
---
- ⤷
What is the difference between I-hold and I-trip in a PPTC fuse?
- ⤷ How does ambient temperature affect the performance of the MF-R090?
- ⤷ Can this resettable fuse be used in AC voltage applications?