MF-R135
AI

The **MF-R135** is a specific model of **PTC (Positive Temperature Coefficient) Resettable Fuse**, manufactured by Bourns. It is widely used in electronic circuits to protect against overcurrent conditions.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical characteristics of the MF-R135:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Hold Current ($I_{hold}$)** | 1.35 A | The maximum current the device will pass without tripping. |
| **Trip Current ($I_{trip}$)** | 2.70 A | The minimum current at which the device will switch to high resistance. |
| **Max Voltage ($V_{max}$)** | 60 V | Maximum voltage the device can withstand without damage. |
| **Max Current ($I_{max}$)** | 40 A | Maximum fault current the device can safely handle. |
| **Resistance ($R_{min}$)** | 0.12 $\Omega$ | Initial resistance at 23°C. |
| **Resistance ($R1_{max}$)** | 0.30 $\Omega$ | Max resistance one hour after tripping/reflow. |
---
### 2. How It Works
The MF-R135 is a **Multifuse®**. Unlike a standard one-time fuse that blows and must be replaced, this part "resets" itself once the fault is cleared and the temperature drops.
1. **Normal Operation:** The device has low resistance, allowing current to flow normally.
2. **Overcurrent Event:** Excessive current causes internal heating (Joule heating).
3. **Tripping:** Once the temperature reaches a critical point, the polymer structure expands, causing the resistance to spike significantly. This "chokes" the current to a safe leakage level.
4. **Resetting:** Once power is removed and the device cools down, the polymer contracts, and the fuse returns to a low-resistance state.
---
### 3. Physical Attributes & Applications
* **Package Type:** Radial Leaded (Through-hole). It looks like a small, circular/rectangular "dipped" disc, usually yellow or orange.
* **Material:** Conductive polymer.
* **Common Applications:**
* Power supplies and transformers.
* Industrial controls.
* Computer peripherals (USB ports, etc.).
* Security systems.
---
### 4. Comparison: PTC vs. Standard Fuse
| Feature | MF-R135 (PTC) | Standard Fuse |
| :--- | :--- | :--- |
| **Life Cycle** | Reusable many times | One-time use (Blows) |
| **Resistance** | Higher | Very Low |
| **Action Speed** | Relatively slow (thermal-based) | Can be very fast (Fast-blow) |
| **Maintenance** | Low (Self-resetting) | High (Manual replacement) |
- ⤷
What is the difference between I-hold and I-trip in circuit design?
- ⤷Does the MF-R135 require manual intervention to reset?
- ⤷What are the environmental temperature limitations for this fuse?