MF-RK
AI

The **MF-RK** series refers to a specific family of **Radial Leaded Resettable Fuses (PTCs)** manufactured by Bourns. These are widely used in electronic circuits for overcurrent protection.
---
## 1. Core Technology: PPTC
The MF-RK series utilizes **Polymeric Positive Temperature Coefficient (PPTC)** technology.
* **Normal State:** The device has very low resistance and allows current to flow freely.
* **Fault State:** If an overcurrent or short circuit occurs, the internal polymer heats up and expands, causing its resistance to increase exponentially (tripping).
* **Reset State:** Once the fault is removed and the device cools down, it returns to a low-resistance state.
---
## 2. Key Specifications
The following table highlights the general technical parameters typical for the MF-RK series:
| Parameter | Description | Typical Range |
| :--- | :--- | :--- |
| **$I_{hold}$** | The maximum current the device will not trip at. | 0.7A to 13.0A |
| **$I_{trip}$** | The minimum current at which the device will always trip. | 1.4A to 26.0A |
| **$V_{max}$** | The maximum voltage the device can withstand. | 60V (Standard for RK) |
| **$I_{max}$** | The maximum fault current the device can safely handle. | 40A to 100A |
| **$P_d$** | Power dissipated from the device when in tripped state. | 0.8W to 6.9W |
---
## 3. Physical Construction
The MF-RK parts are designed for **Through-Hole** mounting on Printed Circuit Boards (PCBs).
* **Lead Type:** Radial leads (two wires extending from the bottom).
* **Coating:** Cured, flame-retardant epoxy polymer (meeting UL 94V-0 requirements).
* **Marking:** Usually marked with the Bourns logo, "RK", and the hold current rating (e.g., `RK300` for 3.0A).
---
## 4. Common Applications
Due to their 60V rating and resettable nature, they are commonly found in:
* **Industrial Controls:** Protecting sensors and actuators.
* **Computer Peripherals:** USB ports and internal power rails.
* **Telecommunications:** Protection against power crosses.
* **Transformers:** Preventing overheating due to secondary shorts.
---
## 5. Advantages over Standard Fuses
1. **Resettable:** No need to replace the component after a fault.
2. **Solid State:** No moving parts or filaments to break under vibration.
3. **Cost:** Reduces warranty and service costs by eliminating fuse replacement.
- ⤷
What is the difference between the MF-RK series and the MF-RX series?
- ⤷ How do ambient temperatures affect the trip current of an MF-RK fuse?
- ⤷ Can MF-RK fuses be used in AC voltage applications?