AI

The **MF-RX014/250U** is a specialized electronic component known as a **Polymer Positive Temperature Coefficient (PPTC)** resettable fuse, manufactured by Bourns. It is specifically designed for telecommunications applications and overcurrent protection.
---
### 1. Technical Specifications
Below are the key electrical characteristics of the MF-RX014/250U:
| Parameter | Specification |
| :--- | :--- |
| **Hold Current ($I_{hold}$)** | 0.14 Amps (140 mA) |
| **Trip Current ($I_{trip}$)** | 0.28 Amps (280 mA) |
| **Rated Voltage ($V_{max}$)** | 60V (Operational) / 250V (Interrupt) |
| **Max Current ($I_{max}$)** | 3.0 Amps |
| **Power Dissipation** | 1.0 Watt |
| **Resistance ($R_{min}$ - $R_{max}$)** | 3.0 $\Omega$ - 6.0 $\Omega$ |
| **Termination Style** | Through-Hole (Radial Leaded) |
---
### 2. Core Functional Principles
The device operates based on the physical properties of conductive polymer composites:
* **Normal Operation:** At room temperature, the polymer contains carbon black particles that form a conductive path. The resistance is low, allowing current to flow freely.
* **Tripped State:** When a fault occurs (short circuit or overload), the excessive current generates heat ($I^2R$). The polymer expands, breaking the conductive chains. The resistance increases exponentially, limiting the current to a safe leakage level.
* **Resetting:** Once the fault is removed and the device cools down, the polymer contracts, the conductive paths are restored, and the fuse "resets" itself.
---
### 3. Key Features & Applications
The "U" suffix in the part number typically denotes a **Uncoated** or specific lead-frame configuration used in high-density telecommunications equipment.
#### Features
* **High Voltage Rating:** Specifically rated for 250V impulse/interrupt, making it suitable for AC power cross-protection.
* **Resettable:** Unlike traditional glass fuses, it does not need to be replaced after a single trip event.
* **Safety Agency Recognition:** Usually UL, CSA, and TUV approved.
#### Typical Applications
* **Customer Premise Equipment (CPE):** Modems, routers, and set-top boxes.
* **Telecommunications:** Protection for Tip and Ring circuits in telephone lines against lightning surges and power induction.
* **Industrial Controls:** Low-current protection for sensors and PLCs.
---
### 4. Comparison: PTC vs. Traditional Fuse
| Feature | PPTC (MF-RX014/250U) | Traditional Fuse |
| :--- | :--- | :--- |
| **Reusability** | Resettable many times | One-time use only |
| **Reaction Speed** | Slower (Thermal based) | Faster (Melting based) |
| **Resistance** | Higher | Very Low |
| **Maintenance** | Low (Automatic reset) | High (Manual replacement) |
- ⤷What is the difference between the Hold Current and the Trip Current?
- ⤷ Can this fuse be used in high-temperature environments?
- ⤷ What are the common failure modes of a PPTC fuse?