Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MF-RX018/250

  • AI
    ## Overview of the MF-RX018/250 The **MF-RX018/250** is a specific model of **Polymer Positive Temperature Coefficient (PPTC)** resettable fuse, manufactured by Bourns. It is widely used in telecommunications and low-voltage electronic circuits to provide overcurrent protection. --- ### 1. Core Technical Specifications The following table outlines the primary electrical characteristics of the MF-RX018/250: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Hold Current ($I_{hold}$)** | 0.18 A | The maximum current the device will pass without tripping. | | **Trip Current ($I_{trip}$)** | 0.36 A | The minimum current at which the device will switch to a high-resistance state. | | **Max Voltage ($V_{max}$)** | 60 V / 250 V | Rated for 60V continuous, withstanding up to 250V for telecom surges. | | **Max Current ($I_{max}$)** | 3.0 A | The maximum fault current the device can safely withstand. | | **Initial Resistance ($R_{min}/R_{max}$)** | 0.8 $\Omega$ / 2.0 $\Omega$ | The resistance range of the device before it has tripped. | | **Operating Temp Range** | -40°C to +85°C | The thermal environment limits for safe operation. | --- ### 2. Physical Design and Packaging * **Form Factor:** Radial Leaded (Through-hole). * **Material:** Conductive polymer combined with carbon black. * **Lead Material:** Tin-plated copper. * **Encapsulation:** Cured, flame-retardant epoxy polymer meeting UL 94V-0 requirements. --- ### 3. Functional Principles The MF-RX018/250 operates based on the **PPTC mechanism**: 1. **Normal State:** In standard operation, the conductive particles form a dense chain, allowing current to flow with minimal resistance. 2. **Fault State (Trip):** When an overcurrent occurs, $I^2R$ heating causes the polymer to expand. This breaks the conductive chains, causing the resistance to increase exponentially. 3. **Reset:** Once the fault is removed and the power is cycled, the device cools down, the polymer contracts, and the conductive paths are re-established. --- ### 4. Typical Applications Because of its high voltage rating (250V surge capability), this part is commonly found in: * **Telecommunications:** Protection for Subscriber Line Interface Circuits (SLICs) against lightning surges and AC power cross. * **Modems and Fax Machines:** Protecting input ports. * **Industrial Controls:** Protecting sensors and communication loops.
    ✨ Follow-up Questions
    • ⤷ How does the ambient temperature affect the hold current of the MF-RX018/250?
    • ⤷ What is the difference between a PPTC and a standard one-time fuse?
    • ⤷ Can this component protect against high-voltage transients like lightning?