MFBA2V1005-101-R
AI

## MFBA2V1005-101-R: Electronic Component Overview
The **MFBA2V1005-101-R** is a Surface Mount Device (SMD) Multilayer Ferrite Chip Bead. These components are primarily used for EMI (Electromagnetic Interference) suppression in electronic circuits.
---
### Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Component Type** | Ferrite Chip Bead |
| **Case Size (EIA)** | 0402 |
| **Case Size (Metric)** | 1005 (1.0mm x 0.5mm) |
| **Impedance** | 100 $\Omega$ |
| **Test Frequency** | 100 MHz |
| **DC Resistance (Max)** | 0.20 $\Omega$ - 0.50 $\Omega$ (Typical range for this series) |
| **Rated Current** | 100mA - 500mA (Depending on specific manufacturer tolerance) |
| **Operating Temperature** | -55°C to +125°C |
---
### Part Number Breakdown
Understanding the nomenclature helps in identifying the component's physical and electrical characteristics:
1. **MFBA**: Series Prefix (Multilayer Ferrite Bead, high-frequency attenuation).
2. **2V**: Voltage or Series designation (often specific to the manufacturer's material type).
3. **1005**: Metric dimensions (1.0mm length x 0.5mm width). Equivalent to **0402** in inches.
4. **101**: Impedance code. The first two digits are significant figures, and the third is the multiplier ($10 \times 10^1 = 100 \Omega$).
5. **R**: Standard packaging indicator (usually "Tape and Reel").
---
### Key Applications
* **Filtering:** Used to suppress high-frequency noise in power lines and signal lines.
* **Consumer Electronics:** Found in smartphones, tablets, and laptops to prevent RF interference.
* **Data Lines:** Ideal for USB, HDMI, and other high-speed data interfaces to ensure signal integrity.
* **Power Decoupling:** Placed near IC power pins to reduce "ringing" and ripples.
---
### Working Principle
Unlike a standard inductor which stores energy, a **Ferrite Bead** acts as a frequency-dependent resistor. At low frequencies, it has low impedance and allows DC to pass. At high frequencies (like the 100MHz range), it becomes resistive and dissipates noise energy as a small amount of heat.
- ⤷
What is the difference between a ferrite bead and a standard inductor?
- ⤷ How does the impedance change if the frequency increases beyond 100MHz?
- ⤷ Can this part be used for high-current power supply filtering?