MFBA2V1608-301-R
AI

The **MFBA2V1608-301-R** is a Surface Mount Device (SMD) **Ferrite Chip Bead** primarily used for EMI (Electromagnetic Interference) suppression in electronic circuits. It is designed to filter out high-frequency noise while allowing DC and low-frequency signals to pass through.
---
### 1. Key Specifications
The part number follows a standard nomenclature used by manufacturers (like Eaton or Bourns). Below are the technical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Impedance** | 300 $\Omega$ | Measured at 100 MHz frequency. |
| **Tolerance** | ±25% | The allowable variance in impedance. |
| **DC Resistance (DCR)** | ~0.20 $\Omega$ (Max) | Resistance to direct current. |
| **Rated Current** | 500 mA - 600 mA | Maximum continuous current it can handle. |
| **Package Size** | 1608 (Metric) / 0603 (Imperial) | Dimensions: 1.6mm x 0.8mm. |
| **Operating Temp** | -55°C to +125°C | Thermal operating range. |
---
### 2. Functional Characteristics
Ferrite beads like the MFBA2V1608 series act as a high-frequency resistor.
* **Noise Absorption:** Unlike an inductor which reflects noise back to the source, a ferrite bead dissipates high-frequency noise as a tiny amount of heat.
* **Low Frequency Path:** At low frequencies (or DC), the bead has very low impedance, acting almost like a standard wire.
* **High Frequency Barrier:** At frequencies near 100MHz, the impedance rises significantly (to 300 Ohms), blocking EMI.
---
### 3. Applications
This specific part is commonly found in the following areas:
* **Power Lines:** Filtering DC power rails for microcontrollers and sensors.
* **Data Lines:** Preventing noise on USB, HDMI, or high-speed communication lines.
* **Consumer Electronics:** Used in smartphones, tablets, and wearable devices due to its small 0603 footprint.
* **I/O Ports:** Reducing radiated emissions from cables and connectors.
---
### 4. Circuit Implementation
In a typical schematic, the ferrite bead is placed in series with the signal or power line that needs filtering.
```markdown
[Power Source] ----( Ferrite Bead )---- [Sensitive IC VCC]
|
[Decoupling Cap]
|
[GND]
```
---
- ⤷
What is the difference between a ferrite bead and a standard inductor?
- ⤷ How does temperature affect the impedance of the MFBA2V1608-301-R?
- ⤷ Can I use this bead for a power line carrying 1 Ampere?