MFBA2V1608-471-R
AI

The **MFBA2V1608-471-R** is a Surface Mount Device (SMD) part, specifically a **Multilayer Ferrite Chip Bead**. These components are primarily used for EMI (Electromagnetic Interference) suppression and noise filtering in electronic circuits.
---
### 1. Key Technical Specifications
Based on the part number nomenclature (specifically the 1608/0603 package size), here are the typical technical parameters:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Ferrite Bead (Multilayer) |
| **Impedance (@ 100MHz)** | 470 $\Omega$ (±25%) |
| **DC Resistance (DCR) Max** | ~0.35 $\Omega$ |
| **Rated Current (Max)** | ~300 mA to 500 mA |
| **Package Size (Metric)** | 1608 (1.6mm x 0.8mm) |
| **Package Size (Imperial)** | 0603 (0.06" x 0.03") |
| **Operating Temperature** | -55°C to +125°C |
---
### 2. Part Number Breakdown
The alphanumeric code follows a standard industry format for passive components:
* **MFBA**: Product Series (Multilayer Ferrite Bead, General Purpose).
* **2V**: Material/Voltage characteristics (Manufacturer specific).
* **1608**: Physical dimensions (1.6mm length x 0.8mm width).
* **471**: Impedance Value. The first two digits (47) are the value, and the third (1) is the multiplier (10^1). Thus, $47 \times 10 = 470 \Omega$.
* **R**: Packaging type (typically refers to Tape & Reel).
---
### 3. Functional Application
Unlike a standard inductor, a ferrite bead is designed to dissipate high-frequency noise as **heat** rather than just shifting the phase.
#### Common Uses:
* **Power Supply Filtering:** Placed on VCC lines to prevent high-frequency noise from reaching sensitive ICs.
* **Data Line Protection:** Used in USB, HDMI, or signal lines to reduce electromagnetic radiation (EMC compliance).
* **Isolation:** Separating analog and digital ground/power planes to reduce crosstalk.
---
### 4. Circuit Representation
In a schematic, it is represented as a bead or a modified inductor symbol.
```text
[VCC In] ----( Ferrite Bead )---- [VCC Out / IC Pin]
|
--- (Decoupling Cap)
---
|
[GND]
```
- ⤷
What is the difference between a ferrite bead and a standard inductor?
- ⤷ How do I choose the right impedance for an EMI filter?
- ⤷ Can this part be used in high-current power applications?