MFS-V-4A4-R
AI

The **MFS-V-4A4-R** is a specific model within a series of **Magnetic Flow Sensors (MFS)**, typically used for measuring the flow rate of conductive liquids in industrial applications.
Below is an explanation of its electronic components, specifications, and technical characteristics.
---
### 1. Key Technical Specifications
The model name generally encodes the following electronic and physical attributes:
| Feature | Specification |
| :--- | :--- |
| **Output Signal** | Pulse Output (Frequency proportional to flow) |
| **Power Supply** | Typically 4.5V to 24V DC |
| **Current Consumption** | Low (approx. 15mA) |
| **Connection Type** | Standard connector or lead wires |
| **Accuracy** | ±2% to ±5% (depending on flow range) |
---
### 2. Electronic Component Breakdown
The internal circuitry of the MFS-V-4A4-R consists of several critical electronic parts:
#### A. Hall Effect Sensor
The "heart" of the device. As the internal turbine spins (driven by fluid), magnets embedded in the blades pass by the **Hall Effect IC**. This IC detects the change in the magnetic field and converts it into an electrical pulse.
#### B. Signal Conditioning Circuitry
The raw signal from the Hall sensor is often noisy. The internal electronics include:
* **Voltage Regulator:** Ensures stable operation even if the input DC voltage fluctuates.
* **Schmitt Trigger:** Squares the wave to provide a clean "Square Wave" pulse output, making it easier for a PLC or Microcontroller to read.
#### C. Output Interface (NPN Open Collector)
Most sensors in this series use an **NPN Open Collector** configuration.
* **Logic:** When a magnetic pole is detected, the output pulls to Ground (GND).
* **Wiring Requirement:** Requires an external **pull-up resistor** to the desired logic voltage (e.g., 5V or 24V) to function correctly with a controller.
---
### 3. Wiring Diagram (Electronic Interface)
The device typically features three wires:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Red** | VCC | Positive Power Supply (4.5 - 24VDC) |
| **Black** | GND | Ground / Common |
| **Yellow/White** | Pulse Out | Square wave signal output |
---
### 4. Application Logic
The electronic performance is measured by the **K-Factor**.
`Flow Rate (L/min) = Pulse Frequency (Hz) / K-Factor`
The electronics are designed to provide a linear relationship between the mechanical rotation of the turbine and the electrical frequency output, ensuring reliable data for flow monitoring systems.
---
- ⤷
What is the specific K-Factor for the MFS-V-4A4-R?
- ⤷ Does this sensor require a specific pull-up resistor value for a 5V PLC?
- ⤷ What are the fluid temperature limits for the electronic housing of this model?