MFS2-6A-R/Q
AI

## Analysis of the MFS2-6A-R/Q
The **MFS2-6A-R/Q** typically refers to a specific series of **Miniature Slide Switches**. These components are widely used in consumer electronics, telecommunications, and instrumentation for simple on/off or circuit-switching functions.
### 1. Technical Specifications
Below is a breakdown of the typical electronic and mechanical characteristics for this part number:
| Parameter | Specification |
| :--- | :--- |
| **Circuitry** | DPDT (Double Pole Double Throw) |
| **Switch Function** | ON-ON (2-Position) |
| **Current Rating** | 0.3A at 30V DC (Typical) |
| **Contact Resistance** | ≤ 20mΩ |
| **Insulation Resistance** | ≥ 100MΩ at 500V DC |
| **Dielectric Strength** | 500V AC for 1 minute |
| **Operating Life** | 10,000 cycles |
| **Travel (Stroke)** | ~2.0mm |
---
### 2. Physical Construction
The part is designed for PCB (Printed Circuit Board) mounting. Its internal mechanism relies on a sliding contact plate that bridges specific terminals based on the actuator's position.
* **Actuator (Lever):** Usually made of POM (Polyoxymethylene) plastic, providing durability and smooth sliding.
* **Terminals:** Silver-plated brass or copper alloy for high conductivity and oxidation resistance.
* **Housing:** Heat-resistant resin or metal frame (depending on the specific "R" or "Q" sub-variants).
---
### 3. Pinout Logic
As a **DPDT** switch, it contains 6 pins total. The operation logic is as follows:
```text
Position 1:
Terminal 1 -- connected to -- Terminal 2 (Common)
Terminal 4 -- connected to -- Terminal 5 (Common)
Position 2:
Terminal 2 (Common) -- connected to -- Terminal 3
Terminal 5 (Common) -- connected to -- Terminal 6
```
---
### 4. Applications
Due to its small footprint and reliable switching, it is commonly found in:
1. **Handheld Devices:** Power switches for toys or small tools.
2. **Audio Equipment:** Mode selection (e.g., Stereo/Mono) or Gain settings.
3. **Prototyping:** Breadboard-friendly logic level switching.
- ⤷What is the difference between the R and Q suffixes in this part number?
- ⤷ Can this switch handle AC mains voltage?
- ⤷ What are the recommended soldering temperatures for PCB mounting?