MGFS15243R3-R
AI

The **MGFS15243R3-R** is a high-performance, isolated DC-DC converter manufactured by **Cosel**. It belongs to the MGFS series, which is known for its compact size (1x1 inch footprint) and high reliability in industrial and telecommunications applications.
---
## 1. Key Specifications
The following table outlines the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 9V to 36V DC (Wide 4:1 Input) |
| **Output Voltage** | 3.3V DC |
| **Output Current** | 4.5A |
| **Total Power** | 14.85W (Nominally 15W class) |
| **Isolation Voltage** | 1,500V AC (1 minute) |
| **Efficiency** | 88% (Typical) |
| **Package / Case** | 6-pin Through-Hole (1" x 1") |
| **Operating Temperature** | -40°C to +85°C |
---
## 2. Pin Configuration
The device uses a standard pinout for DC-DC converters in this power class:
| Pin Number | Function | Description |
| :--- | :---: | :--- |
| 1 | **+VIN** | Positive Input Voltage |
| 2 | **-VIN** | Negative Input Voltage (Ground) |
| 3 | **RC** | Remote Control (On/Off) |
| 4 | **+VOUT** | Positive Output Voltage |
| 5 | **TRM** | Trim Pin (Output voltage adjustment) |
| 6 | **-VOUT** | Negative Output Voltage |
---
## 3. Notable Features
- **Remote On/Off:** Allows the user to turn the converter on or off electronically to save power.
- **Output Voltage Trimming:** Users can adjust the 3.3V output slightly using an external resistor via the TRM pin.
- **Built-in Protections:**
- Overcurrent protection (OCP) with automatic recovery.
- Overvoltage protection (OVP).
- **No Tantalum/Aluminum Capacitors:** Designed with ceramic capacitors for improved reliability and longer life.
- **Shielding:** Six-sided shielding reduces EMI/RFI interference.
---
## 4. Part Number Breakdown
Understanding the nomenclature helps in identifying specific variants:
`MGFS` `15` `24` `3R3` `-R`
1. **MGFS:** Series Name (Single Output, Isolated).
2. **15:** Output Power (15 Watts).
3. **24:** Input Voltage Range (24V Nominal, 9-36V Range).
4. **3R3:** Output Voltage (3.3 Volts).
5. **-R:** Packaging/Options (e.g., Reel or specific terminal processing).
- ⤷How do I calculate the resistor value for the TRM pin to adjust the output?
- ⤷ What is the recommended layout for thermal management of this part?
- ⤷ Does this model require external capacitors for operation?