MGFS154805-R
AI

The **MGFS154805-R** is a high-reliability, isolated DC-DC converter manufactured by **Cosel**. It is part of the MGFS series, known for its compact size (1x1 inch footprint) and high power density.
---
## 1. Technical Specifications
Below is a summary of the core electronic characteristics of the MGFS154805-R:
| Parameter | Specification |
| :--- | :--- |
| **Series** | MGFS (Isolated DC-DC) |
| **Nominal Power** | 15 Watts |
| **Input Voltage Range** | 18V to 76V DC (Wide Input) |
| **Output Voltage** | 5V DC |
| **Output Current** | 3.0 Amperes |
| **Isolation Voltage** | 1,500V DC (1 minute) |
| **Efficiency** | 89% (Typical) |
| **Operating Temp** | -40°C to +85°C |
---
## 2. Key Electronic Features
The device incorporates several specialized electronic circuits to ensure stability and protection:
* **Wide Input Range (4:1):** Unlike standard 2:1 converters, this part can handle large fluctuations in supply voltage, making it suitable for 24V or 48V battery-powered systems.
* **Built-in Protections:**
* **Overcurrent Protection (OCP):** Automatically recovers when the fault condition is removed.
* **Overvoltage Protection (OVP):** Protects the load from voltage spikes.
* **Thermal Protection:** Shuts down the unit if internal temperatures exceed safety limits.
* **Remote ON/OFF:** Allows the converter to be controlled by an external logic signal to save power.
* **Voltage Trimming:** The output voltage can be adjusted (typically ±10%) using an external resistor.
* **Six-sided Shielding:** The case is metallic and grounded to reduce Electromagnetic Interference (EMI).
---
## 3. Pin Configuration
The MGFS154805-R uses a standard through-hole pinout for PCB mounting:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | +VIN | Positive Input |
| 2 | -VIN | Negative Input (GND) |
| 3 | RC | Remote Control (ON/OFF) |
| 4 | +VOUT | Positive Output |
| 5 | TRM | Output Voltage Adjustment (Trim) |
| 6 | -VOUT | Negative Output |
---
## 4. Typical Application Circuit
When integrating this part, it is standard practice to include external capacitors to reduce ripple and noise:
```markdown
[Input Source] ---- [Cin] ---- (+VIN) [MGFS154805-R] (+VOUT) ---- [Cout] ---- [Load]
(-VIN) (-VOUT)
```
* **Cin:** Typically a 22μF–100μF electrolytic capacitor to stabilize input voltage.
* **Cout:** A ceramic or tantalum capacitor to smooth output ripples.
- ⤷
What is the difference between the MGFS and MGS series from Cosel?
- ⤷ How do I calculate the resistor value for the TRM pin to change the output to 5.5V?
- ⤷ Does this DC-DC converter require a minimum load to operate correctly?