MGP50P-R10-D
AI

The **MGP50P-R10-D** is a precision metal film resistor, typically manufactured by companies like **RCD Components**. It is designed for high-stability applications where tight tolerances and low temperature coefficients are required.
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the specific electronic characteristics of the component:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **MGP50** | Series/Size | Miniature Metal Film Resistor (usually 1/2 Watt rating). |
| **P** | Temperature Coefficient | Indicates a ±25 ppm/°C stability rating. |
| **R10** | Resistance Value | **0.10 $\Omega$** (The 'R' acts as a decimal point). |
| **D** | Tolerance | **±0.5%** Precision tolerance. |
---
### 2. Technical Specifications
The MGP series is known for its "Military Grade" performance in a commercial package. Below are the key technical parameters:
* **Resistance:** 0.1 Ohm ($\Omega$).
* **Power Rating:** 0.5 Watts (1/2W) at 70°C.
* **Tolerance:** ±0.5% (This makes it a precision resistor).
* **Temperature Coefficient (TCR):** ±25 ppm/°C (Very low drift over temperature changes).
* **Construction:** Metal film deposited on a high-grade ceramic core, protected by a moisture-resistant coating.
* **Mounting Type:** Through-hole (Axial leads).
---
### 3. Key Electronic Functions
Because this is a **low-resistance, high-precision** component, it is typically used for specific roles in a circuit:
#### A. Current Sensing
Due to the 0.1 $\Omega$ value, this resistor is often used as a "shunt" to measure current. By measuring the voltage drop across it ($V = I \times R$), a microcontroller can determine the current flowing through a circuit.
#### B. Feedback Loops
In precision power supplies or instrumentation amplifiers, the 0.5% tolerance ensures that the gain or output voltage remains highly accurate.
#### C. Temperature Stability
The **P** rating (25 ppm) ensures that as the device heats up during operation, the resistance value stays almost constant, preventing "thermal drift" in sensitive electronics.
---
### 4. Comparison with Standard Resistors
Standard resistors (like the common 5% carbon film types) differ significantly from the MGP50P-R10-D:
| Feature | Standard Resistor | MGP50P-R10-D |
| :--- | :--- | :--- |
| **Accuracy** | ±5% | ±0.5% |
| **Stability** | High Drift (200+ ppm) | Ultra-low Drift (25 ppm) |
| **Noise** | Higher Thermal Noise | Low Noise (Metal Film) |
| **Application** | General Purpose | Precision / Measurement |
---
- ⤷What is the maximum voltage rating for the MGP50 series?
- ⤷ How does the 'P' temperature coefficient compare to the 'T' or 'S' ratings?
- ⤷ Can this resistor be used in high-frequency RF applications?