MH11FAG-R
AI

The **MH11FAG-R** is an electronic component primarily classified as a **Modular Jack (RJ45)** connector. It is specifically designed for networking applications, integrating magnetics (transformers) directly into the connector housing to save PCB space and improve EMI shielding.
---
### Technical Specifications and Features
| Category | Specification Details |
| :--- | :--- |
| **Component Type** | RJ45 Modular Jack with Integrated Magnetics (MagJack) |
| **Ports** | Single Port (1x1) |
| **Speed/Bandwidth** | 10/100 Base-T (Fast Ethernet) |
| **Mounting Type** | Through-Hole (THT), Right Angle |
| **LED Configuration** | Typically dual LEDs (e.g., Green/Yellow) for status indication |
| **Shielding** | Metal shield with EMI tabs for grounding |
| **Operating Temp** | -40°C to +85°C (Standard Industrial Range) |
---
### Key Internal Electronic Parts
The "MagJack" nature of the MH11FAG-R means it contains several internal components hidden inside the plastic and metal housing:
1. **Isolation Transformers:** Provides 1500Vrms isolation between the Ethernet cable and the PHY (Physical Layer) chip to protect the device from voltage surges.
2. **Common Mode Chokes:** Filters out electromagnetic interference (EMI) and noise from the data lines.
3. **Bob Smith Termination:** A resistor/capacitor network used to reduce common-mode emissions and terminate unused wire pairs.
4. **Integrated LEDs:** Surface-mount or leaded LEDs inside the housing to indicate "Link" and "Activity" status.
### Typical Pinout Configuration
| Pin Number | Function (Typical) | Description |
| :--- | :--- | :--- |
| **1** | TX+ | Transmit Data Positive |
| **2** | TX- | Transmit Data Negative |
| **3** | RX+ | Receive Data Positive |
| **4** | NC / Termination | Center Tap / 75 Ohm Resistor |
| **5** | NC / Termination | Center Tap / 75 Ohm Resistor |
| **6** | RX- | Receive Data Negative |
| **7** | NC / Termination | Center Tap / 75 Ohm Resistor |
| **8** | NC / Termination | Center Tap / 75 Ohm Resistor |
---
### Application Usage
The MH11FAG-R is commonly found in:
* **Embedded Systems:** Single-board computers (SBCs) and IoT gateways.
* **Industrial Automation:** PLCs and industrial Ethernet switches.
* **Networking Gear:** Routers, modems, and network interface cards (NICs).
- ⤷
What is the significance of 'Integrated Magnetics' compared to discrete components?
- ⤷ Can you provide the footprint dimensions for PCB layout?
- ⤷ What are the specific LED color codes for the MH11FAG-R model?