MH12TDD-R
AI

The **MH12TDD-R** is a specialized high-performance, single-pole high-voltage relay, often categorized within the MH series of reed relays or vacuum-based switching components. These parts are typically utilized in precision testing equipment, medical electronics, and industrial control systems where isolation and high-voltage handling are critical.
---
### 1. Key Technical Specifications
The "MH" series generally focuses on high dielectric strength and low contact resistance. Below are the typical electronic characteristics associated with this part number:
| Parameter | Typical Value |
| :--- | :--- |
| **Contact Form** | 1 Form A (SPST-NO) |
| **Coil Voltage** | 12V DC |
| **Switching Voltage** | Up to 10kV DC (varies by sub-model) |
| **Switching Current** | 0.5A to 1.0A |
| **Isolation Voltage** | 10kV to 15kV (between coil and contact) |
| **Contact Resistance** | < 150 mΩ |
| **Mounting Type** | PCB Through-hole |
---
### 2. Internal Electronic Structure
The MH12TDD-R operates based on electromagnetic induction. Its internal architecture consists of:
* **Coil Assembly:** A copper wire winding designed for 12V DC operation. When energized, it creates a magnetic field.
* **Reed Switch / Vacuum Chamber:** The switching mechanism is often encapsulated in a vacuum or inert gas to prevent arcing when high voltages are disconnected.
* **Insulation Barriers:** High-grade epoxy or ceramic materials provide the "TDD" (Total Dielectric Distance) required to prevent leakage current between the low-voltage control side (12V) and the high-voltage load side.
---
### 3. Pinout and Schematic Logic
While specific datasheet layouts can vary by manufacturer (such as MEDER or Standex), the standard logical flow is:
```mermaid
graph LR
A[Pin 1: Coil +] --- B(Inductor)
B --- C[Pin 2: Coil -]
D[Pin 3: Contact A] --- E{High Voltage Switch}
E --- F[Pin 4: Contact B]
```
---
### 4. Applications
Due to the **"R"** suffix (often indicating RoHS compliance or Reinforced insulation), this part is found in:
1. **Automated Test Equipment (ATE):** High-speed switching for cable insulation testing.
2. **Defibrillators:** Managing high-energy pulses in medical devices.
3. **Mass Spectrometry:** Precise routing of high-voltage signals.
4. **Solar Inverters:** Monitoring isolation resistance in photovoltaic strings.
---
- ⤷What is the maximum switching power (Watts) for the MH12TDD-R?
- ⤷ How does the 'TDD' designation affect its dielectric strength compared to standard relays?
- ⤷ Are there equivalent drop-in replacements for this specific model?