MH12TDG-R
AI

The **MH12TDG-R** is a specific model of a **Miniature High-Voltage Reed Relay**, typically manufactured by companies like **Meder Electronic (now Standex Electronics)** or similar specialized relay producers. These components are designed to provide high galvanic isolation in a compact footprint.
---
### 1. Key Technical Specifications
The "MH" series is known for its low profile and ability to switch or hold off voltages significantly higher than standard signal relays.
| Parameter | Typical Value | Notes |
| :--- | :--- | :--- |
| **Coil Voltage** | 12 VDC | Indicated by the "12" in the part number. |
| **Contact Form** | Form A (SPST-NO) | Normally Open contact configuration. |
| **Switching Voltage** | Up to 1,000V DC | Varies by specific subtype. |
| **Stand-off Voltage** | Up to 3,000V - 4,000V DC | The voltage the open contacts can withstand. |
| **Contact Rating** | 10W - 50W | Maximum power handling capability. |
| **Housing Style** | Through-hole (THT) | Often encapsulated in a plastic thermoset shell. |
---
### 2. Part Number Breakdown (Estimated)
While naming conventions vary slightly by manufacturer, the code generally follows this logic:
* **MH:** Series prefix (Miniature High-voltage).
* **12:** Rated coil voltage (12 Volts).
* **T:** Termination/Mounting style (often refers to specific Pin layouts or Through-hole).
* **D:** Contact Material (often Rhodium or Tungsten for high-voltage durability).
* **G:** Guard/Shielding option (sometimes refers to internal electrostatic shielding).
* **R:** RoHS Compliant.
---
### 3. Internal Construction
A Reed Relay consists of three primary electronic elements:
1. **Reed Switch:** Two ferromagnetic blades hermetically sealed in a glass tube.
2. **Electromagnetic Coil:** Wrapped around the glass tube; when energized with 12V, it creates a magnetic field to close the blades.
3. **Encapsulation:** An epoxy-molded body that protects the fragile glass and provides high dielectric insulation between the low-voltage coil and high-voltage contacts.
---
### 4. Common Applications
Because of its high isolation properties, the MH12TDG-R is used in:
* **Automated Test Equipment (ATE):** Switching high-voltage test signals.
* **Medical Equipment:** Isolation in defibrillators or imaging sensors.
* **Battery Management Systems (BMS):** Measuring insulation resistance in high-voltage battery packs.
* **Telecom:** Line sensing and isolation.
---
### 5. Safety & Handling
```markdown
> [!CAUTION]
> When working with the MH12TDG-R, ensure that the high-voltage side
> is physically separated from the low-voltage control logic on your
> PCB layout to prevent arcing across board traces.
```
- ⤷
What is the maximum switching current for the MH12TDG-R?
- ⤷ Are there 5V or 24V versions of this relay available?
- ⤷ How does a reed relay differ from a solid-state relay in high-voltage applications?