MH13TCG-R
AI

The **MH13TCG-R** is an electronic component primarily classified as a **Precision Temperature Compensated Crystal Oscillator (TCXO)**, often utilized in high-stability frequency control applications. It is part of a specialized series (likely associated with manufacturers like Mercury Electronic or similar frequency control specialists) designed for low-power and high-accuracy performance.
---
### 1. Key Technical Specifications
Below is a breakdown of the typical electronic parameters associated with this part:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) |
| **Frequency Range** | Usually ranges between 10 MHz to 52 MHz (Fixed) |
| **Supply Voltage ($V_{dd}$)** | 1.8V to 3.3V DC |
| **Output Waveform** | Clipped Sine Wave or CMOS |
| **Frequency Stability** | $\pm$0.5 ppm to $\pm$2.5 ppm over temperature |
| **Operating Temp** | -30°C to +85°C (Standard Industrial) |
| **Package Size** | 2.0 x 1.6 mm or 2.5 x 2.0 mm (SMD) |
---
### 2. Functional Description
The "MH13" series is engineered to provide a stable clock signal despite fluctuations in ambient temperature.
* **Internal Compensation:** Unlike standard crystals, this part contains a compensation network (analog or digital) that adjusts the crystal's frequency to counteract its natural temperature drift.
* **The "-R" Suffix:** In electronic part numbering, the "-R" suffix usually denotes **RoHS Compliance** (Lead-free) or indicates that the part is supplied on **Tape and Reel** for automated pick-and-place assembly.
* **Low Phase Noise:** It is designed to minimize "jitter," making it suitable for sensitive RF (Radio Frequency) communication.
---
### 3. Application Use Cases
This component is commonly found in circuits where timing precision is critical:
1. **GNSS/GPS Modules:** Used to provide the reference clock for satellite signal acquisition.
2. **Wireless Communications:** Essential for WiFi, Bluetooth, and LTE modules to maintain channel alignment.
3. **IoT Devices:** Ideal for battery-operated sensors that require high stability in a small footprint.
4. **Smartphones:** Used in the RF transceiver stage.
---
### 4. Comparison: TCXO vs. Standard Crystal
| Feature | MH13TCG-R (TCXO) | Standard Quartz Crystal |
| :--- | :--- | :--- |
| **Stability** | Very High (ppm range) | Moderate |
| **Power Req.** | Needs Power Supply | Passive (No power) |
| **Circuitry** | Integrated IC + Crystal | Requires External Caps/Inverter |
| **Cost** | Higher | Lower |
- ⤷
What are the specific pinout configurations for the MH13TCG-R?
- ⤷ How does the clipped sine wave output differ from a standard CMOS output?
- ⤷ What is the typical current consumption of this TCXO during operation?