MH16TAD-R
AI

The **MH16TAD-R** is an infrared (IR) receiver module commonly used in remote control systems. It is designed to receive modulated IR signals (typically at a specific frequency) and convert them into electrical pulses that a microcontroller can interpret.
Below is a detailed breakdown of its specifications, pinout, and functional characteristics.
---
### 1. Technical Specifications
The MH16TAD-R belongs to the family of miniaturized receivers for infrared remote control systems.
| Feature | Specification |
| :--- | :--- |
| **Carrier Frequency** | 38 kHz (Standard for most consumer electronics) |
| **Operating Voltage** | 2.7V to 5.5V DC |
| **Supply Current** | 0.5mA to 1.5mA |
| **Reception Distance** | Up to 15–20 Meters (depending on transmitter power) |
| **Reception Angle** | ± 45 Degrees |
| **Output Level** | Active Low (Logic 0 when signal is detected) |
---
### 2. Pin Configuration
The module typically features three pins. Looking at the front of the sensor (the side with the "bulb" or lens), the pins are usually ordered as follows:
| Pin Number | Name | Description |
| :--- | :---: | :--- |
| 1 | **OUT** | Data output signal; connects to a microcontroller I/O pin. |
| 2 | **GND** | Ground (0V). |
| 3 | **VCC** | Power supply (typically +5V or +3.3V). |
*Note: Always verify the pinout with a multimeter or datasheet for your specific batch, as some manufacturers swap GND and VCC.*
---
### 3. Internal Block Components
The MH16TAD-R is not just a phototransistor; it is an Integrated Circuit (IC) that contains several stages of signal processing:
1. **Photodiode:** Converts IR light into a tiny electrical current.
2. **Preamplifier:** Boosts the weak signal from the photodiode.
3. **Automatic Gain Control (AGC):** Adjusts sensitivity to compensate for ambient light noise.
4. **Band Pass Filter:** Specifically tuned to **38kHz** to ignore signals from sunlight or light bulbs.
5. **Demodulator:** Strips the 38kHz carrier wave to leave the original binary data.
---
### 4. Implementation Example (Arduino)
To use this part with an Arduino, you can use the following basic connection logic:
```cpp
// Basic code snippet to read IR signals
#include
const int RECV_PIN = 7; // Connect OUT pin to Digital Pin 7
IRrecv irrecv(RECV_PIN);
decode_results results;
void setup() {
Serial.begin(9600);
irrecv.enableIRIn(); // Start the receiver
}
void loop() {
if (irrecv.decode(&results)) {
Serial.println(results.value, HEX); // Print the hex code of the button pressed
irrecv.resume(); // Receive the next value
}
}
```
---
- ⤷
How does the band-pass filter help in reducing interference from sunlight?
- ⤷ Can the MH16TAD-R be used with 36kHz or 40kHz remotes?
- ⤷ What external components are recommended to stabilize the power supply for this module?