AI

The **MH21TDD-R** is an industrial-grade **Solid State Relay (SSR)** manufactured by **Anly Electronics**. It is designed for high-frequency switching and long-term reliability in automation systems.
---
## 1. Core Technical Specifications
Below are the primary electronic characteristics of the MH21TDD-R:
| Feature | Specification |
| :--- | :--- |
| **Control Voltage (Input)** | 4 ~ 32 VDC |
| **Load Voltage (Output)** | 5 ~ 220 VDC |
| **Rated Load Current** | 10A (Note: Requires heat sink for high loads) |
| **Switching Type** | DC to DC (MOSFET/Transistor output) |
| **Isolation** | Photo-coupler (Optical Isolation) |
| **Dielectric Strength** | Over 2500 VAC |
---
## 2. Key Electronic Components & Working Principle
The internal circuitry of the MH21TDD-R is divided into three functional stages:
### A. Input Stage (Control)
The input consists of an LED indicator and a current-limiting resistor. It accepts a wide DC range (4-32V), making it compatible with **TTL logic, PLCs, and microcontrollers** like Arduino or ESP32.
### B. Isolation Stage
It uses an **Optical Coupler**. This converts the electrical input signal into light and back into an electrical signal. This ensures that the high-power DC load side is electrically separated from the low-power control side, protecting your controller from surges.
### C. Output Stage (Power Handling)
Unlike AC SSRs that use TRIACs, the MH21TDD-R uses a **Power MOSFET** or **Power Transistor**.
* **Low On-Resistance:** Minimizes heat generation.
* **High Speed:** Can switch much faster than mechanical relays.
---
## 3. Physical Layout & Terminals
| Terminal No. | Function | Description |
| :--- | :--- | :--- |
| **1 & 2** | **Load (Output)** | Connects to the DC power source and the device (e.g., DC Motor, Heater). |
| **3 & 4** | **Input (Control)** | Connects to the control signal (3 is typically Positive +, 4 is Negative -). |
---
## 4. Application Precautions
1. **Polarity Matters:** Since this is a DC-DC relay, you must observe the correct polarity for both the input and the output. Reversing the output polarity can damage the internal components.
2. **Heat Management:** At currents above 5A, the unit generates significant heat. It must be mounted on an **Aluminum Heat Sink** with thermal paste.
3. **Flyback Protection:** If switching an inductive load (like a DC motor or solenoid), always place a **Flyback Diode** (e.g., 1N4007) across the load to prevent voltage spikes from destroying the SSR.
- ⤷
What is the maximum switching frequency for the MH21TDD-R?
- ⤷ How do I calculate the required heat sink size for a 10A load?
- ⤷ Can this relay be used to switch AC voltages if the input is DC?