MH22FAG-R
AI

The **MH22FAG-R** is an electromechanical component, specifically a **High-Frequency (RF) Coaxial Relay**. These devices are designed to switch high-frequency signals with minimal loss and high isolation, typically used in telecommunications, testing equipment, and radio broadcast systems.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series of RF relays, here are the primary electronic characteristics:
| Feature | Specification |
| :--- | :--- |
| **Relay Type** | Coaxial / RF Relay |
| **Contact Configuration** | DPDT (Double Pole Double Throw) |
| **Actuator Voltage** | Usually 12V or 24V DC (Model dependent) |
| **Frequency Range** | DC to 1.0 GHz (Commonly used in HF/VHF/UHF) |
| **Impedance** | 50 Ohms (Standard for RF) |
| **Mounting Type** | PCB Mount or Through-Hole |
---
### 2. Functional Breakdown
#### A. The Actuator (Coil)
The "Moving" part of the relay is controlled by an internal electromagnetic coil. When voltage is applied to the coil pins, a magnetic field moves the internal armature to switch the RF signal path.
#### B. RF Signal Path (Contacts)
Unlike standard power relays, the MH22FAG-R is designed with specialized shielding.
- **Low Insertion Loss:** It ensures that the signal strength does not drop significantly as it passes through the relay.
- **High Isolation:** It prevents "leakage" of the signal from the active path to the inactive path, which is critical for preventing interference in radio circuits.
#### C. Housing and Shielding
The component is typically enclosed in a metal or specialized plastic casing to provide electromagnetic interference (EMI) protection. This is vital for maintaining signal integrity in sensitive RF environments.
---
### 3. Common Applications
1. **Transceiver Switching:** Switching an antenna between a transmitter and a receiver (T/R Switching).
2. **Signal Routing:** Directing high-frequency test signals in automated test equipment (ATE).
3. **Redundancy Systems:** Switching to a backup signal line if the primary line fails in telecommunications infrastructure.
---
### 4. Important Considerations for Use
* **Switching Time:** Electromechanical relays are slower than solid-state switches (usually 10-20ms).
* **Cycle Life:** Being mechanical, it has a finite number of operations (usually 1 million+ cycles).
* **Power Handling:** Ensure the RF power (Watts) passing through the contacts does not exceed the rated limit to avoid "arcing" or welding the contacts.
- ⤷
What is the specific coil voltage for the 'R' suffix variant of this relay?
- ⤷ How does this mechanical RF relay compare to a PIN diode switch?
- ⤷ What are the pinout dimensions for PCB layout integration?