MH24TAG-R
AI

The **MH24TAG-R** is a specific electronic component primarily associated with **RF (Radio Frequency) communication** and **Asset Tracking** solutions, often used in conjunction with the *Wavetrend* active RFID ecosystem.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Overview
The MH24TAG-R is an **Active RFID Tag**. Unlike passive tags (like those in credit cards), this device contains its own power source and transmitter, allowing it to broadcast its signal over much longer distances.
### 2. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Operating Frequency** | 2.4 GHz (ISM Band) |
| **Battery Type** | Internal Lithium (Non-replaceable) |
| **Battery Life** | Typically 3–5 years (depending on ping rate) |
| **Read Range** | Up to 100 meters (line of sight) |
| **Enclosure Rating** | Often IP67 (Dust tight and water resistant) |
| **Mounting** | Industrial adhesive or mechanical fasteners |
### 3. Key Electronic Components
The internal circuitry of the MH24TAG-R consists of several critical subsystems:
#### A. Microcontroller (MCU)
The "brain" of the tag. It manages the timing of the signal broadcasts (pings) and handles power management to ensure the battery lasts for several years.
#### B. RF Transmitter
Operating in the **2.4 GHz spectrum**, the transmitter uses GFSK (Gaussian Frequency Shift Keying) or similar modulation to send a unique ID to a compatible reader.
#### C. Internal Antenna
Because it operates at 2.4 GHz, the wavelength is short enough for a small, high-efficiency PCB antenna to be integrated directly onto the circuit board.
#### D. Power Management Circuit
Since the battery is integrated, the device uses ultra-low-power sleep modes. It only "wakes up" for a few milliseconds to transmit its data before returning to a deep sleep state to conserve energy.
---
### 4. Functional Features
* **Anti-Tamper Mechanism:** Some variants include a light sensor or a micro-switch on the back. If the tag is removed from the asset, it sends a specific "tamper" alarm code.
* **Motion Sensing:** Some models include an accelerometer. The tag remains silent while stationary and only broadcasts when it detects movement, further extending battery life.
* **Unique ID:** Every tag is pre-programmed with a unique 32-bit or 64-bit ID code that cannot be altered.
---
### 5. Typical Applications
1. **IT Asset Management:** Tracking laptops and servers in data centers.
2. **Personnel Safety:** Tracking staff in hazardous environments.
3. **Inventory Control:** Locating high-value equipment in warehouses.
- ⤷
What is the compatible reader model for the MH24TAG-R?
- ⤷ How do you configure the ping interval for this specific tag?
- ⤷ Does the MH24TAG-R support data encryption for the transmitted ID?