MH25FAG-R
AI

The **MH25FAG-R** is a specific electronic component typically categorized as a **Micro-Switch** or **Snap Action Switch**, commonly manufactured by brands like **C&K** or **Zippy**. These switches are designed for high reliability in detecting mechanical movement or position.
---
### 1. Key Technical Specifications
The following table summarizes the general electrical and physical characteristics of the MH series snap-action switches:
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Snap Action / Micro Switch |
| **Actuator Style** | Simulated Roller Lever (typically) |
| **Circuitry** | SPDT (Single Pole Double Throw) |
| **Current Rating** | ~0.1A to 10A (Model dependent, usually 5A for "25" series) |
| **Voltage Rating** | 125V / 250V AC |
| **Operating Force** | ~25gf to 150gf |
| **Termination** | PCB Solder Terminals / Right Angle Pins |
---
### 2. Physical Construction and Pins
The "R" suffix in the part number often indicates the **Right Angle** orientation of the terminals, making it suitable for side-mounting on a Printed Circuit Board (PCB).
1. **Housing:** Made of high-temperature thermoplastic (usually UL 94V-0 rated).
2. **Contacts:** Silver alloy or gold-plated (for low-current signal switching).
3. **Terminals:**
* **COM (Common):** The input pin.
* **NO (Normally Open):** The circuit is completed when the lever is pressed.
* **NC (Normally Closed):** The circuit is completed when the lever is at rest.
---
### 3. Functional Mechanism
The MH25FAG-R utilizes a **snap-action mechanism**. This means that the movement of the contacts is independent of the speed of the actuator. When the lever reaches a specific "trip point," the internal spring snaps the contacts into the new position instantly.
**Applications include:**
* **Computer Peripherals:** Mouse buttons or joystick triggers.
* **Industrial:** Limit switches for moving parts.
* **Consumer Electronics:** Door sensors in microwave ovens or printers.
---
### 4. Part Number Breakdown (Typical)
| Segment | Meaning |
| :--- | :--- |
| **MH** | Series designation (Micro-miniature High Reliability) |
| **25** | Rating code (Internal manufacturer current/force code) |
| **F** | Operating force identifier |
| **AG** | Contact material (e.g., Gold over Silver) |
| **-R** | Right-angle PCB terminal orientation |
- ⤷
What is the difference between SPDT and SPST in micro-switches?
- ⤷ How do I calculate the lifespan of a snap-action switch based on its cycle rating?
- ⤷ Can this switch be used for low-voltage DC signals or only AC?