MH43TAD-R
AI

The **MH43TAD-R** is an infrared (IR) receiver module commonly used in remote control systems. It is part of the "molded" type sensor family, designed to receive, amplify, and demodulate IR signals transmitted by devices like TV or air conditioner remotes.
### 1. Technical Specifications
Below is a breakdown of the typical electronic characteristics for this component:
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Operating Voltage (Vcc)** | 2.7 to 5.5 | Volts (V) |
| **Carrier Frequency** | 38.0 (standard for most) | kHz |
| **Supply Current** | 0.5 to 1.5 | mA |
| **Reception Distance** | 10 to 15 | Meters |
| **Output Type** | Active Low (Digital) | - |
| **Viewing Angle** | ±45 | Degrees |
---
### 2. Internal Electronic Components
The MH43TAD-R is an Integrated Circuit (IC) that combines several electronic stages inside a single epoxy-shielded package:
1. **Photodiode:** The front-end sensor that converts incoming IR light into a tiny electrical current.
2. **Preamplifier:** Boosts the weak signal from the photodiode.
3. **Automatic Gain Control (AGC):** Adjusts sensitivity to compensate for ambient light noise (like sunlight or fluorescent lamps).
4. **Band Pass Filter (BPF):** Specifically tuned to the carrier frequency (e.g., 38kHz) to block signals from other sources.
5. **Demodulator & Integrator:** Strips the carrier wave away, leaving only the digital data pulses.
6. **Output Transistor:** Usually an NPN transistor that pulls the output pin to Ground when a signal is detected.
---
### 3. Pin Configuration
Most modules in this series utilize a 3-pin layout. While you should always verify with a specific datasheet, the standard layout is:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| **1** | **OUT** | Data Output (Connects to Microcontroller) |
| **2** | **GND** | Ground (0V) |
| **3** | **Vcc** | Power Supply (+3.3V or +5V) |
---
### 4. Application Circuit Example
To ensure stable operation and protect the internal electronics from noise, a simple filter circuit is recommended:
```c
// Typical Connection Diagram
[Vcc Pin] ---- [ 100 Ohm Resistor ] ---- ( + Power Supply )
|
[ 47uF Capacitor ]
|
[GND Pin] ---------+-------------------- ( Ground )
[OUT Pin] ------------------------------ ( MCU Input Pin )
```
---
### 5. Key Features
* **Built-in Shielding:** The "R" often signifies a specific lead frame or shielding type to prevent Electro-Magnetic Interference (EMI).
* **TTL/CMOS Compatibility:** The output can be directly connected to an Arduino, ESP32, or PIC microcontroller without additional level shifting.
* **Low Power Consumption:** Ideal for battery-powered remote devices.
- ⤷
What is the exact carrier frequency for the MH43TAD-R model?
- ⤷ How do I test this component using an Arduino?
- ⤷ What are the common causes of signal interference for IR receivers?