AI

The **MH43TDD-R** is a specific model of a **TFT-LCD Display Module**, typically used in industrial equipment, medical devices, and high-end consumer electronics. It is manufactured by companies like **Mitsubishi** or affiliated display specialists.
Below is a detailed breakdown of its electronic parts and technical specifications.
---
## 1. Core Technical Specifications
The electronics of this module are designed for high-resolution output and reliable signal processing.
| Feature | Specification |
| :--- | :--- |
| **Display Type** | TFT-LCD (Thin Film Transistor) |
| **Screen Size** | 4.3 Inch (Diagonal) |
| **Resolution** | 480 x 272 pixels (WQVGA) |
| **Interface** | RGB 24-bit (Parallel) |
| **Backlight** | White LED (WLED) |
| **Brightness** | Typically 400 - 500 cd/m² |
| **Color Depth** | 16.7 Million Colors |
---
## 2. Key Electronic Components
### A. The TFT Glass & Driver ICs
The heart of the module is the liquid crystal layer controlled by integrated Source and Gate drivers.
* **Source Drivers:** Manage the voltage levels for each column to determine color intensity.
* **Gate Drivers:** Manage the rows, turning pixels on/off in sequence.
* **Timing Controller (T-CON):** The "brain" that translates the incoming RGB signals from your microcontroller (MCU) or CPU into the specific timing needed by the source/gate drivers.
### B. Backlight Unit (BLU)
The module uses a **LED string** (usually 7–10 LEDs in series) to provide illumination.
* **Electronic Requirement:** Requires a Constant Current LED Driver.
* **Voltage:** Usually requires ~15V to 25V depending on the internal wiring of the LEDs.
### C. The FPC (Flexible Printed Circuit) Connector
This is the multi-pin "ribbon" that connects the screen to your mainboard.
* **Pins:** Usually 40 or 50 pins.
* **Signals carried:** Data (R0-R7, G0-G7, B0-B7), Clock (DCLK), Horizontal/Vertical Sync, and Power (VDD/VSS).
### D. Integrated Touch Controller (If 'T' variant includes Touch)
If this specific revision includes a resistive or capacitive touch layer:
* **Resistive:** Uses a 4-wire analog interface (X+, X-, Y+, Y-).
* **Capacitive:** Includes an I2C-based controller chip (like a Goodix or FocalTech IC) mounted directly on the FPC.
---
## 3. Electrical Characteristics
To operate the MH43TDD-R, the following electronic parameters must be met:
* **Logic Voltage (VDD):** Typically **3.3V**. Exceeding 3.6V can damage the internal T-CON.
* **Signal Level:** LVCMOS 3.3V.
* **Backlight Current:** Usually set to **20mA**. Over-driving this shortens the lifespan of the LEDs and causes thermal issues.
---
## 4. Typical Pinout Logic (40-Pin Standard)
```markdown
1. VLED- (Ground for Backlight)
2. VLED+ (Power for Backlight)
3. GND
4. VDD (3.3V Logic Power)
5-12. R0-R7 (Red Data)
13-20. G0-G7 (Green Data)
21-28. B0-B7 (Blue Data)
29. GND
30. DCLK (Pixel Clock)
31. DISP (Display ON/OFF)
32. HSYNC (Horizontal Sync)
33. VSYNC (Vertical Sync)
34. DE (Data Enable)
```
- ⤷
What is the exact pinout for the 40-pin connector on the MH43TDD-R?
- ⤷ Does this module require an external LED driver circuit for the backlight?
- ⤷ Is the MH43TDD-R compatible with Arduino or Raspberry Pi controllers?