AI

The **MH44TBG-R** is a specific part number typically associated with **Tactile Switches**, often manufactured by companies like Multicomp or similar electronic component distributors. It is a miniature electromechanical switch designed for PCB (Printed Circuit Board) mounting.
---
### Technical Specifications
The following table summarizes the typical electrical and mechanical characteristics of the MH44TBG-R series:
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Tactile (Momentary) |
| **Contact Arrangement** | SPST-NO (Single Pole Single Throw, Normally Open) |
| **Actuation Force** | 160gf (Grams-force) typically |
| **Contact Rating** | 50mA @ 12V DC |
| **Terminal Type** | Through-Hole / PC Pins |
| **Operating Temperature** | -25°C to +70°C |
| **Mechanical Life** | ~100,000 Cycles |
---
### Key Components & Materials
1. **Actuator (Button):** The top part that the user presses. In the "TBG" series, this is usually a square or round plastic stem.
2. **Contact Dome:** A precision-engineered metal disc. When pressed, it collapses to provide tactile feedback (the "click") and completes the electrical circuit.
3. **Housing/Base:** Usually made of heat-resistant thermoplastic (like LCP or Nylon) to withstand wave soldering.
4. **Terminals:** Silver-plated brass or copper alloy for high conductivity and ease of soldering.
---
### Part Number Breakdown (Typical)
While manufacturers vary slightly, the nomenclature usually follows this logic:
* **MH:** Manufacturer Series code.
* **44:** Indicates physical size (e.g., 4.5mm x 4.5mm or similar footprint).
* **T:** Tactile function.
* **BG:** Plating or stem height indicator (Black stem, Gold/Silver contacts).
* **-R:** Generally indicates **RoHS Compliance** or **Tape & Reel** packaging.
---
### Common Applications
* **Consumer Electronics:** Volume buttons, power switches on small gadgets.
* **Industrial Controls:** Reset buttons on PCBs or interface panels.
* **Computer Peripherals:** Keyboards, mice, and internal hardware toggles.
- ⤷
What are the exact dimensions of the MH44TBG-R footprint?
- ⤷ Does this switch come in a Surface Mount (SMD) version?
- ⤷ What is the difference between silver and gold contact plating for this model?