Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MH46FAG-R

  • AI
    The **MH46FAG-R** is a specific electronic component typically identified as a **tactile switch** (or tact switch) manufactured by companies such as **Diptronics** or similar specialty switch manufacturers. These components are fundamental in human-machine interfaces. --- ### 1. Component Overview The MH46FAG-R is a surface-mount (SMD) miniature pushbutton switch. It is designed to provide "tactile" feedback (a physical click) to the user when pressed, signaling that the circuit has been closed. ### 2. Technical Specifications Below are the typical technical parameters for this series: | Feature | Specification | | :--- | :--- | | **Switch Type** | Tactile Switch | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Circuit** | SPST-NO (Single Pole Single Throw - Normally Open) | | **Operating Force** | Usually 160gf to 260gf (Grams-force) | | **Actuator Style** | Round Button / Flush or Raised | | **Contact Rating** | 50mA @ 12VDC (Typical) | | **Travel** | 0.25mm ± 0.1mm | | **Operating Life** | 100,000 to 500,000 cycles | --- ### 3. Part Number Breakdown (Generic) While nomenclature varies slightly by brand, the code usually breaks down as follows: * **MH**: Series designation (Micro-High or Miniature Height). * **4**: Size category (e.g., 4.5mm x 4.5mm footprint). * **6**: Height of the actuator (e.g., 0.6mm or 6.0mm depending on specific catalog). * **F**: Force rating (often indicates "Firm" or a specific gram-force). * **AG**: Plating material (Silver or Gold contacts). * **R**: Packaging type (Tape & Reel for automated assembly). --- ### 4. Key Features & Materials * **Tactile Feedback:** Engineered with a metal dome that snaps when pressed, providing a crisp audible and physical click. * **Miniaturization:** Its small footprint makes it ideal for high-density PCB designs. * **Environmental Resistance:** Many versions of the "MH" series are designed to be dust-tight, though specific IP ratings depend on the exact sub-model. * **Materials:** * *Base:* High-temperature thermoplastic (LCP or Nylon). * *Contacts:* Stainless steel with silver or gold plating. --- ### 5. Common Applications Due to its reliability and small size, the MH46FAG-R is found in: * **Consumer Electronics:** Smartphones, wearable devices, and remote controls. * **Computing:** Mouse buttons, reset switches on motherboards. * **Industrial:** Interface panels for handheld testing equipment. * **Automotive:** Key fobs and dashboard control buttons. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint dimensions for the MH46FAG-R?
    • ⤷ Does this switch come in a waterproof (IP67) version?
    • ⤷ What is the difference between silver and gold plating for these switches?